Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9136LG Fiches technique(PDF) 11 Page - Vishay Siliconix

No de pièce SI9136LG
Description  Multi-Output Power-Supply Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9136LG Fiches technique(HTML) 11 Page - Vishay Siliconix

Back Button SI9136LG Datasheet HTML 6Page - Vishay Siliconix SI9136LG Datasheet HTML 7Page - Vishay Siliconix SI9136LG Datasheet HTML 8Page - Vishay Siliconix SI9136LG Datasheet HTML 9Page - Vishay Siliconix SI9136LG Datasheet HTML 10Page - Vishay Siliconix SI9136LG Datasheet HTML 11Page - Vishay Siliconix SI9136LG Datasheet HTML 12Page - Vishay Siliconix SI9136LG Datasheet HTML 13Page - Vishay Siliconix SI9136LG Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Si9136
Vishay Siliconix
Document Number: 70818
S-00583—Rev. C, 03-Apr-00
www.vishay.com
S FaxBack 408-970-5600
11
DETAIL FUNCTIONAL BLOCK DIAGRAM
FIGURE 5. Buck Block Diagram
+
+
Logic
Control
_
+
BBM
+
+
+
+
5/3 ON/OFF_
1X
DH
DL
LX_
VL
DH
DL
REF
PWMCMP
Pulse
Skipping
Control
Current
Limit
SYNC
Rectifier Control
20 mV
t
t
CS_
FB_
FB5
Internal voltage
divider is only
used on 5-V
output.
DH
DL
FBFY
R1
R2
DHFY
DLFY
BSTY
LXFY
Pulse
Skipping
Control
PWM
Comparator
100 mV
REF
COMP
ICSN
ICSP
C/S
Amplifier
Current Limit
FIGURE 6. PWM Flyback Block Diagram
SLC
ON/OFF
RX
RY
BST_
Error
Amplifier
Error
Amplifier
Logic
Control
Soft-Start
V
V
Soft-Start


Numéro de pièce similaire - SI9136LG

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9136LG VISHAY-SI9136LG Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
More results

Description similaire - SI9136LG

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
   Multi-Output Power-Supply Controller
01-Jan-2022
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
   SMBus Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9135 VISHAY-SI9135 Datasheet
453Kb / 14P
   SMBus Multi-Output Power-Supply Controller
Rev. B, 05-Apr-99
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
   MULTI OUTPUT POWER SUPPLY
logo
Vishay Siliconix
SI9139 VISHAY-SI9139 Datasheet
162Kb / 17P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. A, 16-Dec-02
SI9138 VISHAY-SI9138 Datasheet
150Kb / 14P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. B, 13-May-02
logo
Panasonic Semiconductor
AN8072N PANASONIC-AN8072N Datasheet
39Kb / 4P
   Multi Output Power Supply Regulator
logo
Vishay Siliconix
SI9137 VISHAY-SI9137 Datasheet
156Kb / 14P
   Multi-Output, Sequence Selectable Power-Supply Controller for Mobile Applications
Rev. B, 13-May-02
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com