Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1535 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SA1535
Description  Silicon PNP epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA1535 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SA1535 Datasheet HTML 1Page - Panasonic Semiconductor 2SA1535 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power Transistors
2SA1535, 2SA1535A
PC —Ta
VCE(sat) —IC
VBE(sat) —IC
hFE —IC
fT —IE
Cob —VCB
Area of safe operation (ASO)
0
160
40
120
80
140
20
100
60
0
32
24
8
20
28
16
4
12
Without heat sink
Ambient temperature Ta (˚C)
– 0.01
– 0.03
– 0.1
– 0.3
–1
– 0.01
–3
–1
– 0.3
– 0.1
– 0.03
I
C/IB=10
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.01
–3
–1
– 0.1
– 0.03
– 0.3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
T
C=–25˚C
25˚C
100˚C
I
C/IB=10
Collector current I
C
(A)
– 0.01
–3
–1
– 0.1
– 0.03
– 0.3
1
3
10
30
100
300
1000
V
CE=–10V
T
C=–25˚C
25˚C
100˚C
Collector current I
C
(A)
0.01
0.03
0.1
0.3
1
0
400
300
100
200
V
CB=–10V
f=10MHz
T
C=25˚C
Emitter current I
E
(A)
–1
–3
–10
–30
–100
0
100
80
60
40
20
I
E=0
f=1MHz
T
C=25˚C
Collector to base voltage V
CB
(V)
–1
–10
–100
–1000
–3
–30
–300
– 0.001
– 0.003
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
Single pulse
T
C=25˚C
10ms
t=1ms
I
CP
I
C
DC
Collector to emitter voltage V
CE
(V)


Numéro de pièce similaire - 2SA1535

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SA1535 ISC-2SA1535 Datasheet
112Kb / 2P
   isc Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1535 SAVANTIC-2SA1535 Datasheet
144Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1535 JMNIC-2SA1535 Datasheet
231Kb / 4P
   Silicon PNP Power Transistors
2SA1535 JMNIC-2SA1535 Datasheet
231Kb / 4P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SA1535 NJSEMI-2SA1535 Datasheet
186Kb / 2P
   Silicon PNP Power Transistors
More results

Description similaire - 2SA1535

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com