Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-1503-DE0EE Fiches technique(PDF) 1 Page - Agilent(Hewlett-Packard)

No de pièce HLMP-1503-DE0EE
Description  T-1 (3 mm) Diffused LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1503-DE0EE Fiches technique(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-1503-DE0EE Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1503-DE0EE Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1503-DE0EE Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1503-DE0EE Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1503-DE0EE Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1503-DE0EE Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1503-DE0EE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1503-DE0EE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-1503-DE0EE Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
T-1 (3 mm) Diffused
LED Lamps
Technical Data
Features
• High Intensity
• Choice of 4 Bright Colors
High Efficiency Red
Orange
Yellow
High Performance Green
• Popular T-1 Diameter
Package
• Selected Minimum
Intensities
• Wide Viewing Angle
• General Purpose Leads
• Reliable and Rugged
• Available on Tape and Reel
Description
This family of T-1 lamps is widely
used in general purpose indicator
applications. Diffusants, tints, and
optical design are balanced to
yield superior light output and
wide viewing angles. Several
intensity choices are available in
each color for increased design
flexibility.
Package Dimensions
HLMP-1301
HLMP-1401
HLMP-1503
HLMP-K401
HLMP-K600


Numéro de pièce similaire - HLMP-1503-DE0EE

FabricantNo de pièceFiches techniqueDescription
logo
QT Optoelectronics
HLMP-1503 QT-HLMP-1503 Datasheet
237Kb / 3P
   DIFFUSED T-100 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-1503 FAIRCHILD-HLMP-1503 Datasheet
260Kb / 4P
   DIFFUSED T-100 SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-1503 HP-HLMP-1503 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1503 AVAGO-HLMP-1503 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1503 BOARDCOM-HLMP-1503 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
More results

Description similaire - HLMP-1503-DE0EE

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1503 AVAGO-HLMP-1503 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD50640 CML-CMD50640 Datasheet
70Kb / 1P
   T-100 (T-1) Diffused Lens LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com