Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2844N Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce UC2844N
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC2844N Fiches technique(HTML) 1 Page - ON Semiconductor

  UC2844N Datasheet HTML 1Page - ON Semiconductor UC2844N Datasheet HTML 2Page - ON Semiconductor UC2844N Datasheet HTML 3Page - ON Semiconductor UC2844N Datasheet HTML 4Page - ON Semiconductor UC2844N Datasheet HTML 5Page - ON Semiconductor UC2844N Datasheet HTML 6Page - ON Semiconductor UC2844N Datasheet HTML 7Page - ON Semiconductor UC2844N Datasheet HTML 8Page - ON Semiconductor UC2844N Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Device
Operating
Temperature Range
Package
UC3844, 45
UC2844, 45
HIGH PERFORMANCE
CURRENT MODE
CONTROLLERS
ORDERING INFORMATION
UC3844D
UC3845D
TA = 0° to +70°C
TA = – 25° to +85°C
SO–14
SO–14
PIN CONNECTIONS
Order this document by UC3844/D
D SUFFIX
PLASTIC PACKAGE
CASE 751A
(SO–14)
N SUFFIX
PLASTIC PACKAGE
CASE 626
1
8
1
14
(Top View)
Vref
(Top View)
Compensation
Voltage Feedback
Current Sense
RT/CT
Vref
VCC
Output
Gnd
1
2
3
45
6
7
8
Compensation
NC
Voltage Feedback
NC
Current Sense
NC
RT/CT
NC
VCC
VC
Output
Gnd
Power Ground
1
2
3
4
5
6
7
9
8
10
11
12
13
14
UC3844N
UC3845N
Plastic
Plastic
UC2844D
UC2845D
SO–14
SO–14
UC2844N
UC2845N
Plastic
Plastic
1
MOTOROLA ANALOG IC DEVICE DATA
High Performance
Current Mode Controllers
The UC3844, UC3845 series are high performance fixed frequency
current mode controllers. They are specifically designed for Off–Line and
dc–to–dc converter applications offering the designer a cost effective
solution with minimal external components. These integrated circuits feature
an oscillator, a temperature compensated reference, high gain error
amplifier, current sensing comparator, and a high current totem pole output
ideally suited for driving a power MOSFET.
Also included are protective features consisting of input and reference
undervoltage lockouts each with hysteresis, cycle–by–cycle current limiting,
a latch for single pulse metering, and a flip–flop which blanks the output off
every other oscillator cycle, allowing output deadtimes to be programmed for
50% to 70%.
These devices are available in an 8–pin dual–in–line plastic package as
well as the 14–pin plastic surface mount (SO–14). The SO–14 package has
separate power and ground pins for the totem pole output stage.
The UCX844 has UVLO thresholds of 16 V (on) and 10 V (off), ideally
suited for off–line converters. The UCX845 is tailored for lower voltage
applications having UVLO thresholds of 8.5 V (on) and 7.6 V (off).
Current Mode Operation to 500 kHz Output Switching Frequency
Output Deadtime Adjustable from 50% to 70%
Automatic Feed Forward Compensation
Latching PWM for Cycle–By–Cycle Current Limiting
Internally Trimmed Reference with Undervoltage Lockout
High Current Totem Pole Output
Input Undervoltage Lockout with Hysteresis
Low Startup and Operating Current
Direct Interface with Motorola SENSEFET Products
Simplified Block Diagram
5.0V
Reference
Flip
Flop
&
Latching
PWM
VCC
Undervoltage
Lockout
Oscillator
Error
Amplifier
7(12)
VC
7(11)
Output
6(10)
PWR GND
5(8)
3(5)
Current
Sense
Vref
8(14)
4(7)
2(3)
1(1)
Gnd
5(9)
RTCT
Voltage
Feedback
R
R
+
Vref
Undervoltage
Lockout
Output
Comp.
Pin numbers in parenthesis are for the D suffix SO–14 package.
VCC
© Motorola, Inc. 1996
Rev 1


Numéro de pièce similaire - UC2844N

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC2844N MOTOROLA-UC2844N Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Texas Instruments
UC2844N TI1-UC2844N Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
logo
STMicroelectronics
UC2844N STMICROELECTRONICS-UC2844N Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Texas Instruments
UC2844N TI-UC2844N Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
logo
ON Semiconductor
UC2844N ONSEMI-UC2844N Datasheet
617Kb / 16P
   High Performance Current Mode Controllers
July, 2006 ??Rev. 7
More results

Description similaire - UC2844N

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com