Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IN74LV574 Fiches technique(PDF) 1 Page - Integral Corp.

No de pièce IN74LV574
Description  Octal D-type flip-flop; positive edge-trigger (3-State)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEGRAL [Integral Corp.]
Site Internet  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV574 Fiches technique(HTML) 1 Page - Integral Corp.

  IN74LV574 Datasheet HTML 1Page - Integral Corp. IN74LV574 Datasheet HTML 2Page - Integral Corp. IN74LV574 Datasheet HTML 3Page - Integral Corp. IN74LV574 Datasheet HTML 4Page - Integral Corp. IN74LV574 Datasheet HTML 5Page - Integral Corp. IN74LV574 Datasheet HTML 6Page - Integral Corp. IN74LV574 Datasheet HTML 7Page - Integral Corp. IN74LV574 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TECHNICAL DATA
1
INTEGRAL
Octal D-type flip-flop;
positive edge-trigger (3-State)
The 74LV574 is a low-voltage Si-gate CMOS device and is pin and
function compatible with 74HC/HCT574.
The 74LV574 is an octal D-type flip–flop featuring separate D-type
inputs for each flip-flop and non-inverting 3-state outputs for oriented
applications. A clock (CP) and an output enable (OE) input are common
to all flip-flops. The eight flip-flops will store the state of their individual
D-inputs that meet the set-up and hold times requirements on the LOW-
to-HIGH CP transition. When OE is LOW, the contents of the eight flip-
flops are available at the outputs. When OE is HIGH, the outputs go to
the high impedance OFF-state. Operation of the OE input does not affect
the state of the flip-flops.
• Output voltage levels are compatible with input levels of CMOS,
NMOS and TTL ICS
• Supply voltage range: 1.0 to 5.5 V
• Low input current: 1.0 µÀ; 0.1 µÀ at Ò = 25 °Ñ
• High Noise Immunity Characteristic of CMOS Devices
IN74LV574
N SUFFIX
PLASTIC DIP
DW SUFFIX
SO
1
20
1
20
ORDERING INFORMATION
IN74LV574N
Plastic DIP
IN74LV574DW
SOIC
IZ74LV574
chip
TA = -40
° to 125° C for all packages
FUNCTION TABLE
Inputs
Output
Output
Enable
Clock
D
Q
L
H
H
L
L
L
L
L,H,
X
no
change
H
X
X
Z
H= high level
L = low level
X = don’t care
Z = high impedance
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Numéro de pièce similaire - IN74LV574

FabricantNo de pièceFiches techniqueDescription
logo
IK Semicon Co., Ltd
IN74LV574 IKSEMICON-IN74LV574 Datasheet
361Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
IN74LV574DW IKSEMICON-IN74LV574DW Datasheet
361Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
IN74LV574N IKSEMICON-IN74LV574N Datasheet
361Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results

Description similaire - IN74LV574

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com