Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5212D-S Fiches technique(PDF) 8 Page - SamHop Microelectronics Corp.

No de pièce SM5212D-S
Description  SM5212D is a remote control decoder paired with SM5212E utilizing CMOS Technology.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5212D-S Fiches technique(HTML) 8 Page - SamHop Microelectronics Corp.

  SM5212D-S Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5212D-S Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5212D-S Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5212D-S Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5212D-S Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5212D-S Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5212D-S Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5212D-S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ORDERING INFORMATION
SM5212 XX
Product No.
Logo
Page 8
V1.0
D:DIP TYPE
D-S:SO Package
Part NO.
Package
SM5212D
18Pin DIP
Part NO.
Package
SM5212D-S
20Pin SOP
SM5212D
212 RF DECODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司
Date Code
Serial Number
ESD Protection Mark
xxx xx


Numéro de pièce similaire - SM5212D-S

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
SM5212E SAMHOP-SM5212E Datasheet
45Kb / 8P
   SM5212E is a RF remote control encoder paired with SM5212D
SM5212E-S SAMHOP-SM5212E-S Datasheet
45Kb / 8P
   SM5212E is a RF remote control encoder paired with SM5212D
More results

Description similaire - SM5212D-S

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
SM5212E SAMHOP-SM5212E Datasheet
45Kb / 8P
   SM5212E is a RF remote control encoder paired with SM5212D
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
logo
Silvan Chip Electronics...
SC2260R4 SILVAN-SC2260R4 Datasheet
109Kb / 2P
   remote control encoder paired
SC2262 SILVAN-SC2262 Datasheet
228Kb / 3P
   remote control encoder paired
logo
SamHop Microelectronics...
SM5162 SAMHOP-SM5162 Datasheet
60Kb / 12P
   RF remote control encoder paired with SM5172.
logo
List of Unclassifed Man...
EV1527 ETC2-EV1527 Datasheet
100Kb / 3P
   EV1527 is OTP Encoder utilizing CMOS technology process
logo
Motorola, Inc
MC145030 MOTOROLA-MC145030 Datasheet
198Kb / 8P
   Remote Control Encoder/Decoder LSI CMOS
logo
Princeton Technology Co...
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com