Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES3890 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce ES3890
Description  Video CD Processor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ES3890 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  ES3890 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES3890 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES3890 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES3890 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES3890 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES3890 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SAM0487-031704
ESS Technology, Inc.
ES3890 PRODUCT BRIEF
ES3890 PIN DESCRIPTION
CAS#
62
O
Column Address Strobe to DRAM (active-low).
DRAS1#
63
O
Row Address Strobe 1 to DRAM (active-low).
VPP
64
P
5V power supply.
DRAS0#
67
O
Row Address Strobe 0 to DRAM (active-low).
DWE#
68
O
Write Enable to DRAM (active-low).
DOE#
69
O
Data Out Enable to DRAM (active-low).
MA9
O
Multiplexed memory row and column address.
MA[8:0]
70-78
O
Multiplexed memory row and column address.
DBUS[15:0]
79-94
I/O
Input when DRAM is being read. Output when DRAM is being written.
REST#
96
I
External system reset forces ES3890 to do a reset (active-low).
VSS_P
98
G
Ground for system PLL.
VCC_P
99
P
2.5V power supply for system PLL.
AUX2[0]
100
I/O
General-purpose programmable I/O. May be used for VFD clock.
AUX2[1]
101
I/O
General-purpose programmable I/O. May be used for Subcode-Q data.
AUX2[2]
102
I/O
General-purpose programmable I/O. May be used for Subcode-Q clock.
AUX2[3]
103
I/O
General-purpose programmable I/O.
AUX2[4]
104
I/O
General-purpose programmable I/O. May be used for C2PO error correction flag
from CDROM
AUX2[5]
105
I/O
General-purpose programmable I/O.
AUX2[6]
106
I/O
General-purpose programmable I/O. May be used for Subcode sync S0 or S1
detection.
AUX2[7]
107
I/O
General-purpose programmable I/O.
AUX1[5:0]
108-113
I/O
General-purpose programmable I/O.
AUX1[6]
114
I/O
General-purpose programmable I/O. May be used for VFD data output.
AUX1[7]
115
I/O
General-purpose programmable I/O. May be used for VFD data input.
AUX0[1:0]
118, 119
I/O
General-purpose programmable I/O.
AUX0[2]
120
I
General-purpose programmable input.
AUX0[4:3]
121, 122
I/O
General-purpose programmable I/O.
VSSV
123, 124
G
Ground for VDAC circuit.
VDAC
125
O
Video DAC V output. Connect to a 37.7
Ω resistor to ground for proper operation.
YDAC
126
O
Video DAC Y output. Connect to a 37.7
Ω resistor to ground for proper operation.
VCCV
127, 128
P
2.5V power supply for video DAC circuit.
Table 1
ES3890 Pin Description (Continued)
Names
Pin Numbers
I/O
Definitions


Numéro de pièce similaire - ES3890

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ES3880 ETC-ES3880 Datasheet
63Kb / 4P
   Video CD MPEG Processor
ES3883 ETC-ES3883 Datasheet
38Kb / 4P
   Video CD Companion Chip Product Brief
More results

Description similaire - ES3890

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ES3880 ETC-ES3880 Datasheet
63Kb / 4P
   Video CD MPEG Processor
logo
ESS Technology,Inc
ES3210 ESS-ES3210 Datasheet
63Kb / 4P
   Video CD Processor Product Brief
logo
NXP Semiconductors
TEA7650H PHILIPS-TEA7650H Datasheet
235Kb / 23P
   Video signal processor for CD-video/laser vision
September 1990
logo
Sanyo Semicon Device
LC74201E SANYO-LC74201E Datasheet
246Kb / 21P
   Video CD Decoder
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
CXD2500BQ SONY-CXD2500BQ Datasheet
670Kb / 48P
   CD Digital Signal Processor
CXD2529Q SONY-CXD2529Q Datasheet
675Kb / 64P
   CD Digital Signal Processor
CXD3009Q SONY-CXD3009Q Datasheet
515Kb / 63P
   CD Digital Signal Processor
logo
Toshiba Semiconductor
TC9263AF TOSHIBA-TC9263AF Datasheet
649Kb / 16P
   CD SINGLE-CHIP PROCESSOR
logo
Sony Corporation
CXD2510Q SONY-CXD2510Q Datasheet
743Kb / 48P
   CD Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com