Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5540-BC Fiches technique(PDF) 11 Page - Silicon Laboratories

No de pièce SI5540-BC
Description  SiPHY OC-192/STM-64 TRANSMITTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5540-BC Fiches technique(HTML) 11 Page - Silicon Laboratories

Back Button SI5540-BC Datasheet HTML 7Page - Silicon Laboratories SI5540-BC Datasheet HTML 8Page - Silicon Laboratories SI5540-BC Datasheet HTML 9Page - Silicon Laboratories SI5540-BC Datasheet HTML 10Page - Silicon Laboratories SI5540-BC Datasheet HTML 11Page - Silicon Laboratories SI5540-BC Datasheet HTML 12Page - Silicon Laboratories SI5540-BC Datasheet HTML 13Page - Silicon Laboratories SI5540-BC Datasheet HTML 14Page - Silicon Laboratories SI5540-BC Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
S i5540
Preliminary Rev. 0.31
11
Differential Output Circuitry
The Si5540 utilizes a current-mode logic (CML) architecture to drive the high speed serial output clock and data on
TXCLKOUT and TXDOUT. An example of output termination with ac coupling is shown in Figure 4. In applications
where direct dc coupling is possible, the 250 nF capacitors may be omitted. The differential peak-to-peak voltage
swing of the CML architecture is listed in Table 2 on page 5.
Figure 4. CML Output Driver Termination (TXCLKOUT, TXDOUT)
1.5 V
50
50
24 mA
Zo = 50
Zo = 50
50
50
VDD
VDD
250 nF
250 nF


Numéro de pièce similaire - SI5540-BC

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI554 SILABS-SI554 Datasheet
132Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
logo
Skyworks Solutions Inc.
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
More results

Description similaire - SI5540-BC

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
   SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
   OC-192/STM-64 SFF Transponder
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Agere Systems
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860D AGERE-R2860D Datasheet
107Kb / 6P
   R2860D Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com