Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX9424 Fiches technique(PDF) 6 Page - Maxim Integrated Products

No de pièce MAX9424
Description  Lowest Jitter Quad PECL-to-ECL Differential Translators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9424 Fiches technique(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9424 Datasheet HTML 2Page - Maxim Integrated Products MAX9424 Datasheet HTML 3Page - Maxim Integrated Products MAX9424 Datasheet HTML 4Page - Maxim Integrated Products MAX9424 Datasheet HTML 5Page - Maxim Integrated Products MAX9424 Datasheet HTML 6Page - Maxim Integrated Products MAX9424 Datasheet HTML 7Page - Maxim Integrated Products MAX9424 Datasheet HTML 8Page - Maxim Integrated Products MAX9424 Datasheet HTML 9Page - Maxim Integrated Products MAX9424 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Lowest Jitter Quad PECL-to-ECL
Differential Translators
6
_______________________________________________________________________________________
Functional Diagram
D
VCC
VCC
VEE
VGG
VCC
VEE
VCC
VEE
VCC
VEE
VCC
VEE
VGG
VCC
VGG
VCC
VGG
VCC
VCC
VGG
VGG
Q
CK
D
Q
CK
1
28
29
32
1, 8
11, 17,
24, 30
14, 20,
21, 27
31
26
25
15
16
9
10
4
5
2
3
6
7
22
23
19
18
13
12
0
IN0
IN0
OUT0
OUT0
DQ
CK
D
Q
CK
1
0
IN1
IN1
OUT1
OUT1
DQ
CK
D
Q
CK
1
0
IN2
IN2
OUT2
OUT2
DQ
CK
D
Q
CK
1
0
IN3
IN3
CLK
CLK
SEL
SEL
EN
EN
OUT3
OUT3
MAX9424
MAX9425
MAX9426
MAX9427


Numéro de pièce similaire - MAX9424

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX942 MAXIM-MAX942 Datasheet
165Kb / 12P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX942 MAXIM-MAX942 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX942 MAXIM-MAX942 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
MAX9420 MAXIM-MAX9420 Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
MAX9420EGJ MAXIM-MAX9420EGJ Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
More results

Description similaire - MAX9424

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Maxim Integrated Produc...
MAX9370 MAXIM-MAX9370 Datasheet
218Kb / 9P
   LVTTL/TTL-to-Differential LVPECL/PECL Translators
Rev 0; 4/02
MAX9420 MAXIM-MAX9420 Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
MAX9360 MAXIM-MAX9360_08 Datasheet
100Kb / 8P
   LVTTL/TTL/CMOS-to-Differential LVECL/ECL Translators
Rev 2; 12/08
MAX9360 MAXIM-MAX9360 Datasheet
159Kb / 9P
   LVTTL/TTL/CMOS-to-Differential LVECL/ ECL Translators
Rev 1; 7/02
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com