Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADD8608A8A Fiches technique(PDF) 6 Page - A-Data Technology

No de pièce ADD8608A8A
Description  Double Data Rate SDRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-DATA [A-Data Technology]
Site Internet  https://www.adata.com
Logo A-DATA - A-Data Technology

ADD8608A8A Fiches technique(HTML) 6 Page - A-Data Technology

  ADD8608A8A Datasheet HTML 1Page - A-Data Technology ADD8608A8A Datasheet HTML 2Page - A-Data Technology ADD8608A8A Datasheet HTML 3Page - A-Data Technology ADD8608A8A Datasheet HTML 4Page - A-Data Technology ADD8608A8A Datasheet HTML 5Page - A-Data Technology ADD8608A8A Datasheet HTML 6Page - A-Data Technology ADD8608A8A Datasheet HTML 7Page - A-Data Technology ADD8608A8A Datasheet HTML 8Page - A-Data Technology ADD8608A8A Datasheet HTML 9Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
A-Data
ADD8608A8A
DC Characteristics II
Speed
Parameter
Symbol
Test condition
-75BA/-75B
Unit
Note
Operating Current
IDD1
Burst length=2, One bank active
Trc=tRC(min),IOUT=0mA
110
mA
1
Precharge standby
current in power
down mode
IDD2P
CKE≦VIL(max), tCK=min
3
mA
Precharge standby
current in Non power
down mode
IDD2N
CKE≧VIH(min), /CS≧VIH(min),
tCK= tCK min input signals are
changed one time during 2clks.
40
mA
Active standby
current in power
down mode
IDD3P
CKE≦VIL(max), tCK= tCK min
30
mA
Active standby
current in Non power
down mode
IDD3N
CKE≧VIH(min), /CS≧VIH(min),
tCK=min input signals are
changed one time during 2clks.
65
mA
Burst mode operating
current
IDD4R
tCK≧tCK(min),IOUT=0 mA
All banks active
155
mA
1
Auto refresh current
IDD5
tRRC≧tRRC(min), All banks
active
190
mA
2
Self refresh current
IDD6
CKE≦0.2V
3
mA
Note: 1. IDD1 and IDD4 depend on output loading and cycle rates. Specified values are measured with the output
open.
2. Min. of tRRC is shown at AC characteristics.
Rev 2 April, 2002
6


Numéro de pièce similaire - ADD8608A8A

FabricantNo de pièceFiches techniqueDescription
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
ADD8616A8A-75BA A-DATA-ADD8616A8A-75BA Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
More results

Description similaire - ADD8608A8A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
   Double DATA RATE SDRAM
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
   Double DATA RATE SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
logo
Infineon Technologies A...
HYB25D512800BT INFINEON-HYB25D512800BT Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com