Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-WL02 Fiches technique(PDF) 1 Page - Agilent(Hewlett-Packard)

No de pièce HLMP-WL02
Description  High Intensity AlInGaP LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-WL02 Fiches technique(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-WL02 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-WL02 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-WL02 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-WL02 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-WL02 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-WL02 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-WL02 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SunPower Series
HLMP-WLxx
HLMP-NL06
HLMP-WHxx HLMP-NH04
HLMP-WGxx HLMP-NG07
Features
• T-1 (3 mm) and T-1 3/4
(5 mm) General Purpose
LED Lamps
• AlInGaP SunPower Intensity
• High Light Output
• Clear and Tinted Diffused
Lens Options
• Narrow and Wide Viewing
Angles
• Amber, Red-Orange, and Red
• Available on Tape and Reel
Description
This family of 3 mm and 5 mm
LED lamps is specially designed
for applications requiring higher
levels of intensity than is
achieved with a standard lamp.
The 5 mm lamp is available with
15, 30, and 65 degree viewing
angle options. The 3 mm lamp is
available with a 60 degree
viewing angle.
Applications
• General Purpose
• Consumer Goods
• Indicator Lights
Device Selection Guides
T-1 3/4 (5 mm) Lamp
Package
Luminous Intensity
Viewing Angle
Color
Part Number
Diff.
Tint
Min. mcd, If @ 20 mA
2
θ 1/2 (Degrees)
Amber
HLMP-WL12
450
15
Amber
HLMP-WL27
205
30
Amber
HLMP-WL02
X
X
35
65
Red Orange
HLMP-WH12
270
15
Red Orange
HLMP-WH27
155
30
Red Orange
HLMP-WH02
X
X
35
65
Red
HLMP-WG12
270
15
Red
HLMP-WG27
155
30
Red
HLMP-WG02
X
X
26
65
T-1 (3 mm) Lamp
Package
Luminous Intensity
Viewing Angle
Color
Part Number
Diff.
Tint
Min. mcd, If @ 20 mA
2
θ 1/2 (Degrees)
Amber
HLMP-NL06
96.2
60
Red Orange
HLMP-NH04
90.2
60
Red
HLMP-NG07
90.2
60
High Intensity AlInGaP
LED Lamps
Technical Data


Numéro de pièce similaire - HLMP-WL02

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-0103 HP-HLMP-0103 Datasheet
118Kb / 2P
   Panel Mount Clip and Retaining Ring
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-0103 AVAGO-HLMP-0103 Datasheet
112Kb / 2P
   T-13/4 (5 mm) Panel Mount Clip and Retaining Ring
logo
QT Optoelectronics
HLMP-0300 QT-HLMP-0300 Datasheet
252Kb / 3P
   RECTANCULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-0300 HP-HLMP-0300 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Description similaire - HLMP-WL02

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
MVL-324UYL UOT-MVL-324UYL Datasheet
40Kb / 2P
   HIGH POWER AlInGaP LED Lamps
MVL-504UOL UOT-MVL-504UOL Datasheet
38Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-504SO UOT-MVL-504SO Datasheet
39Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-504UYL UOT-MVL-504UYL Datasheet
39Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-324UOL UOT-MVL-324UOL Datasheet
40Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-5A4TUYL UOT-MVL-5A4TUYL Datasheet
41Kb / 2P
   High Performance AlInGaP LED Lamps
logo
List of Unclassifed Man...
LVX3333 ETC1-LVX3333 Datasheet
164Kb / 1P
   5.0mm HIGH INTENSITY LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com