Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC723341E Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LC723341E
Description  LC723341E
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723341E Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LC723341E Datasheet HTML 1Page - Sanyo Semicon Device LC723341E Datasheet HTML 2Page - Sanyo Semicon Device LC723341E Datasheet HTML 3Page - Sanyo Semicon Device LC723341E Datasheet HTML 4Page - Sanyo Semicon Device LC723341E Datasheet HTML 5Page - Sanyo Semicon Device LC723341E Datasheet HTML 6Page - Sanyo Semicon Device LC723341E Datasheet HTML 7Page - Sanyo Semicon Device LC723341E Datasheet HTML 8Page - Sanyo Semicon Device LC723341E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LC723341E
No.8013-4/11
測定回路図
※1
HALT PLL STOP電流測定条件
※2
BACK UP電流測定条件
A
30pF
BRES
FMIN
XIN
AMIN
HCTR
TEST1
XOUT
VDD
VSS
4.5MHz
30pF
上記記載ポート以外は全て OPEN
PC,PD は出力を選択
S13∼S20 のセグメントを選択
ソフト命令により BACKUP MODE を設定
X’tal 発振が停止した状態
上記記載ポート以外は全て OPEN
PC,PD は出力を選択
S13∼S20 のセグメントを選択
ソフト命令により HALT MODE を設定
X’tal 発振は停止せず、CPU の動作を停止した状態
A
30pF
FMIN
XIN
AMIN
HCTR
TEST1
XOUT
VDD BRES
VSS
PA,PF
30pF
4.5MHz


Numéro de pièce similaire - LC723341E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72336 SANYO-LC72336 Datasheet
185Kb / 16P
   Single-Chip Microcontrollers with Built-In LCD Driver and PLL Circuits
LC72338 SANYO-LC72338 Datasheet
185Kb / 16P
   Single-Chip Microcontrollers with Built-In LCD Driver and PLL Circuits
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
   Single-Chip PLL and Controller with LCD Driver???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com