Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SI9123 Datasheet(Fiches technique) 6 Page - Vishay Siliconix

Numéro de pièce SI9123
Description  500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo 

 6 page
background image
Si9123
Vishay Siliconix
New Product
www.vishay.com
6
Document Number: 72098
S-03639—Rev. B, 20-Mar-03
TIMING DIAGRAMS FOR MOS DRIVERS
DL
DH
Time
VCC
VBST
VMID
GND
VCC
SEC_SYNC
50%
DH
50%
GND
VCC
VMID
BST
50%
DH, LX
DH, LX
SEC_SYNC
DH, LX
SEC_SYNC
SEC_SYNC
VLX
DL
50%
Leading
Trailing
Leading
Trailing
td3
td4
td1
td2
GND
Figure 3.
VOLTS
2 Vbe
GND
Time
SS
GND
GND
LX
Soft
Start
Hiccup
Time Out
Over Current
Detected
t1
t2
Figure 4.
Soft-Start, Hiccup Mode Operation




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SI9122500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Drivers 1 2 3 4 5 MoreVishay Siliconix
SI9124500-kHz Push-Pull DC-DC Converter With Integrated Secondary Synchronous Rectification Control 1 2 3 4 5 MoreVishay Siliconix
SI9122A500-kHz Half-Bridge DC/DC Controller With Integrated Secondary Synchronous Rectification Drivers 1 2 3 4 5 MoreVishay Siliconix
LM3207650mA Miniature Adjustable Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO 1 2 3 4 5 MoreNational Semiconductor (TI)
ST777LOW VOLTAGE INPUT 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER 1 2 3 4 5 MoreSTMicroelectronics
MB39A1085-Channel DC/DC Converter IC with Synchronous Rectification 1 2 3 4 Fujitsu Component Limited.
LM3370Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function 1 2 3 4 5 MoreNational Semiconductor (TI)
TS12N30CSDC-DC Converter Control and Synchronous AceFET 1 2 3 4 Taiwan Semiconductor Company, Ltd
MC33470SYNCHRONOUS RECTIFICATION DC/DC CONVERTER PROGRAMMABLE INTEGRATED CONTROLLER 1 2 3 4 5 MoreON Semiconductor
MB38836-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down 1 2 3 4 5 MoreFujitsu Component Limited.

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl