Moteur de recherche de fiches techniques de composants électroniques |
|
L64733 Fiches technique(PDF) 5 Page - LSI Computer Systems |
|
L64733 Fiches technique(HTML) 5 Page - LSI Computer Systems |
5 / 48 page L64733/L64734 Tuner and Satellite Receiver Chipset 5 range from 925–2175 MHz, with a 0.5 MHz step size when using a 4-MHz crystal reference. The on-chip VCO tuning frequency is 543 MHz to 1088 MHz. To tune channels from 925–1086 MHz, the L64734 disables the frequency doubler (X2 block) on the L64733. To tune channels from 1086 MHz to 2175 MHz, the L64734 enables the frequency doubler. The VCO requires an external resonant tank circuit, which includes varactor diodes to vary the frequency of oscillation. The VCO signal goes to the Prescaler block before it is passed to the L64734 differentially through the PSOUTp and PSOUTn pins. The L64734 MODp and MODn differential signals control the divider ratio for the Prescaler block. The L64734 dynamically changes the divide ratio to ensure that the tuning step size is not affected by the divider. The L64734 contains programmable counters to further divide the signal in frequency before the signal is fed back to the L64733 through the PLLINp and PLLINn pins. The crystal reference oscillator frequency is divided by eight, then fed to the phase detector. The phase detector generates a current signal proportional to the difference in phase between PLLINp, PLLINn, and the divided crystal frequency. A charge pump circuit (which controls pins CP, FB) and an external transistor (to buffer the L64733 against the tuning voltage of 28 V) generate the current. The current is filtered, fed through a discrete loop filter, and converted to a tuning voltage that drives the external varactor diodes for the VCO tank circuit. A complete frequency controlled loop is formed, and the VCO frequency can be varied by changing the frequency divider ratios in the L64734 registers. See Figure 7 on page 22 for more details regarding the external circuitry for the VCO, crystal oscillator, charge pump, tank circuitry, and entire frequency-controlled loop. The chipset provides maximum integration and flexibility for system designers at a minimum cost. The number of external components required to build a system is minimal because the synthesizer, variable rate filters, and clock and carrier loops are all integrated into the two devices. |
Numéro de pièce similaire - L64733 |
|
Description similaire - L64733 |