Moteur de recherche de fiches techniques de composants électroniques |
|
I048C096T024P1 Fiches technique(PDF) 6 Page - Vicor Corporation |
|
I048C096T024P1 Fiches technique(HTML) 6 Page - Vicor Corporation |
6 / 8 page Vicor Corporation Tel: 800-735-6200 vicorpower.com Quarter-Brick Intermediate Bus Converters Rev. 1.3 Page 6 of 8 Factorized Power PRELIMINARY 0 10 20 30 40 50 60 70 80 90 100 110 120 130 123456 789 10 11 12 Power Dissipation (W) 100LFM 200LFM 300LFM 400LFM 500LFM 600LFM 850LFM 1000LFM Figure 2— Maximum operating ambient temp. curves for 1 BCM with 0 degree airflow 0 10 20 30 40 50 60 70 80 90 100 110 120 130 123 456789 10 11 12 Power Dissipation (W) 1000LFM 850LFM 600LFM 500LFM 400LFM 300LFM 200LFM 100LFM Figure 3— Maximum operating ambient temp. curves for 1 BCM with 90 degree airflow 0 10 20 30 40 50 60 70 80 90 100 110 120 130 12 34 567 89 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Power Dissipation (W) 100LFM 200LFM 300LFM 400LFM 500LFM 600LFM 850LFM 1000LFM Figure 4— Maximum operating ambient temp. curves for 2 BCM with 0 degree airflow 0 10 20 30 40 50 60 70 80 90 100 110 120 130 123456 789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Power Dissipation (W) 100LFM 200LFM 300LFM 400LFM 500LFM 600LFM 850LFM 1000LFM Figure 5— Maximum operating ambient temp. curves for 2 BCM with 90 degree airflow THERMAL MANAGEMENT (Cont.) 0 degree airflow 90 degree airflow Figure 1— 0 and 90 degree airflow orientations for 1 or 2 BCM configurations Note: Other configurations and orientations are available, including versions with integral heatsinks. Please consult the factory for additional information. |
Numéro de pièce similaire - I048C096T024P1 |
|
Description similaire - I048C096T024P1 |