Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KM23V8105G Fiches technique(PDF) 3 Page - Samsung semiconductor

No de pièce KM23V8105G
Description  8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM23V8105G Fiches technique(HTML) 3 Page - Samsung semiconductor

  KM23V8105G Datasheet HTML 1Page - Samsung semiconductor KM23V8105G Datasheet HTML 2Page - Samsung semiconductor KM23V8105G Datasheet HTML 3Page - Samsung semiconductor KM23V8105G Datasheet HTML 4Page - Samsung semiconductor KM23V8105G Datasheet HTML 5Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KM23V8105D(G)
CMOS MASK ROM
TEST CONDITIONS
Item
Value
Input Pulse Levels
0.45V to 2.4V
Input Rise and Fall Times
10ns
Input and Output timing Levels
1.5V
Output Loads
1 TTL Gate and CL=100pF
AC CHARACTERISTICS (TA=0
°C to +70°C, VCC=3.3V/3.0V±0.3V, unless otherwise noted.)
READ CYCLE
NOTE : Page Address is determined as below.
Word mode (BHE = VIH) : A0, A1
Byte mode (BHE = VIL) : A-1, A0, A1
Item
Symbol
Vcc=3.3V
±0.3V
Vcc=3.0V
±0.3V
Unit
Min
Max
Min
Max
Read Cycle Time
tRC
100
120
ns
Chip Enable Access Time
tACE
100
120
ns
Address Access Time
tAA
100
120
ns
Page Address Access Time
tPA
30
50
ns
Output Enable Access Time
tOE
30
50
ns
Output or Chip Disable to
Output High-Z
tDF
20
20
ns
Output Hold from Address Change
tOH
0
0
ns


Numéro de pièce similaire - KM23V8105G

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
   32M-Bit (4Mx8/2Mx16) COMS MASK ROM
More results

Description similaire - KM23V8105G

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AC23V8000 ETC-AC23V8000 Datasheet
44Kb / 6P
   1MX8 BIT CMOS MASK ROM
logo
Macronix International
MX29F800T MCNIX-MX29F800T Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
   8M-bit Mask ROM
logo
Macronix International
MX23L8103 MCNIX-MX23L8103 Datasheet
309Kb / 8P
   8M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L800D GENERALPLUS-GPR23L800D Datasheet
354Kb / 8P
   8M-BIT MASK ROM
logo
Macronix International
MX23L8102 MCNIX-MX23L8102 Datasheet
156Kb / 6P
   8M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008 Datasheet
324Kb / 9P
   8M-bit Mask ROM
logo
Macronix International
MX23L8051 MCNIX-MX23L8051 Datasheet
217Kb / 13P
   8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
MX23L8000 MCNIX-MX23L8000 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com