Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A3153DCURE4 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TS5A3153DCURE4
Description  1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A3153DCURE4 Fiches technique(HTML) 3 Page - Texas Instruments

  TS5A3153DCURE4 Datasheet HTML 1Page - Texas Instruments TS5A3153DCURE4 Datasheet HTML 2Page - Texas Instruments TS5A3153DCURE4 Datasheet HTML 3Page - Texas Instruments TS5A3153DCURE4 Datasheet HTML 4Page - Texas Instruments TS5A3153DCURE4 Datasheet HTML 5Page - Texas Instruments TS5A3153DCURE4 Datasheet HTML 6Page - Texas Instruments TS5A3153DCURE4 Datasheet HTML 7Page - Texas Instruments TS5A3153DCURE4 Datasheet HTML 8Page - Texas Instruments TS5A3153DCURE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TS5A3153
1 W SPDT ANALOG SWITCH
5V/3.3V SINGLECHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS215 – OCTOBER 2005
www.ti.com
3
Electrical Characteristics for 5-V Supply(1)
V+ = 4.5 V to 5.5 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
range
VCOM, VNO,
VNC
0
V+
V
Peak ON
rpeak
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
25
°C
4.5 V
0.9
1.1
Peak ON
resistance
rpeak
0
≤ (VNO or VNC) ≤ V+,
ICOM = −100 mA,
Switch ON,
See Figure 13
Full
4.5 V
1.3
ON-state
ron
VNO or VNC = 2.5 V,
Switch ON,
25
°C
4.5 V
0.8
0.9
ON-state
resistance
ron
VNO or VNC = 2.5 V,
ICOM = 100 mA,
Switch ON,
See Figure 13
Full
4.5 V
1.1
ON-state
resistance match
∆ron
VNO or VNC = 2.5 V,
Switch ON,
25
°C
4.5 V
0.05
0.10
resistance match
between channels
∆ron
VNO or VNC = 2.5 V,
ICOM = 100 mA,
Switch ON,
See Figure 13
Full
4.5 V
0.10
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
25
°C
0.15
ON-state
ron(flat)
0
≤ (VNO or VNC) ≤ V+,
ICOM = 100 mA,
Switch ON,
See Figure 13
Full
4.5 V
ON-state
resistance flatness
ron(flat)
VNO or VNC = 1 V, 1.5 V, 2.5 V,
Switch ON,
25
°C
4.5 V
0.09
0.15
resistance flatness
VNO or VNC = 1 V, 1.5 V, 2.5 V,
ICOM = 100 mA,
Switch ON,
See Figure 13
Full
0.15
NC, NO
INC(OFF),
VNC or VNO = 1 V, VCOM = 4.5 V,
or
Switch OFF,
25
°C
5.5 V
−20
2
20
nA
NC, NO
OFF leakage
INC(OFF),
INO(OFF)
NC
NO
COM
or
VNC or VNO = 4.5 V, VCOM = 1 V,
Switch OFF,
See Figure 14
Full
5.5 V
−150
150
nA
OFF leakage
current
INC(PWROFF), VNC or VNO = 0 to 5.5 V,
Switch OFF,
25
°C
0 V
−5
0.7
5
A
current
INC(PWROFF),
INO(PWROFF)
VNC or VNO = 0 to 5.5 V,
VCOM = 5.5 V to 0,
Switch OFF,
See Figure 14
Full
0 V
−25
25
mA
NC, NO
ON leakage
INC(ON),
VNC or VNO = 1 V, VCOM = Open,
or
Switch ON,
25
°C
5.5 V
−20
2
20
nA
ON leakage
current
INC(ON),
INO(ON)
or
VNC or VNO = 4.5 V,
VCOM = Open,
Switch ON,
See Figure 15
Full
5.5 V
−150
150
nA
COM
ICOM(OFF)
VNC or VNO = 4.5 V, VCOM = 1 V,
or
Switch ON,
25
°C
5.5 V
−20
2
20
nA
COM
OFF leakage
ICOM(OFF)
NC
NO
COM
or
VNC or VNO = 1 V, VCOM = 4.5 V,
Switch ON,
See Figure 14
Full
5.5 V
−150
150
nA
OFF leakage
current
ICOM(PWROFF)
VNC or VNO = 0 to 5.5 V,
Switch OFF,
25
°C
0 V
−5
0.7
5
A
current
ICOM(PWROFF)
VNC or VNO = 0 to 5.5 V,
VCOM = 5.5 V to 0,
Switch OFF,
See Figure 14
Full
0 V
−25
25
mA
COM
ON leakage
ICOM(ON)
VNC or VNO = Open, VCOM = 1 V,
or
Switch ON,
25
°C
5.5 V
−20
2
20
nA
ON leakage
current
ICOM(ON)
or
VNC or VNO = Open,
VCOM = 4.5 V,
Switch ON,
See Figure 15
Full
5.5 V
−150
150
nA
Digital Control Inputs (IN, EN)(2)
Input logic high
VIH
Full
2.4
5.5
V
Input logic low
VIL
Full
0
0.8
V
Input leakage
IIH, IIL
VI = 5.5 V or 0
25
°C
5.5 V
−100
25
100
nA
Input leakage
current
IIH, IIL
VI = 5.5 V or 0
Full
5.5 V
−100
100
nA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications
of Slow or Floating CMOS Inputs, literature number SCBA004.


Numéro de pièce similaire - TS5A3153DCURE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3153DCURE4 TI-TS5A3153DCURE4 Datasheet
759Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153DCURE4 TI1-TS5A3153DCURE4 Datasheet
1Mb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Description similaire - TS5A3153DCURE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3159A TI-TS5A3159A Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI-TS5A3160 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624 Datasheet
329Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157DBVRG4 TI1-TS5A63157DBVRG4 Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com