Moteur de recherche de fiches techniques de composants électroniques |
|
TS5A3160DCKR Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
TS5A3160DCKR Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 24 page www.ti.com Electrical Characteristics for 5-V Supply (1) TS5A3160 1- Ω SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SCDS216 – OCTOBER 2005 V + = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, VNC, 0 V+ V range VNO 25 °C 0.8 1.1 Peak ON 0 ≤ (V NO or VNC) ≤ V+, Switch ON, rpeak 4.5 V Ω resistance ICOM = –100 mA, See Figure 13 Full 1.5 25 °C 0.7 0.9 ON-state VNO or VNC = 2.5 V, Switch ON, ron 4.5 V Ω resistance ICOM = –100 mA, See Figure 13 Full 1.1 ON-state 25 °C 0.05 0.1 resistance VNO or VNC = 2.5 V, Switch ON, match ∆r on 4.5 V Ω ICOM = –100 mA, See Figure 13 Full 0.1 between channels 0 ≤ (V NO or VNC) ≤ V+, Switch ON, 25 °C 0.15 ICOM = –100 mA, See Figure 13 ON-state resistance ron(flat) 4.5 V Ω VNO or VNC = 1 V, 1.5 V, 25 °C 0.1 0.25 Switch ON, flatness 2.5 V, See Figure 13 Full 0.25 ICOM = –100 mA, VNC or VNO = 1 V, 25 °C –20 2 20 INC(OFF), VCOM = 4.5 V, Switch OFF, 5.5 V nA NC, NO INO(OFF) or See Figure 14 Full –100 100 OFF leakage VNO = 4.5 V, VCOM = 1 V, current 25 °C –1 0.2 1 INC(PWROFF), VNC or VNO = 0 to 5.5 V, Switch OFF, 0 V µA INO(PWROFF) VCOM = 5.5 V to 0, See Figure 14 Full –20 20 NC, NO 25 °C –20 2 20 INC(ON), VNC or VNO = 0 to V+, Switch ON, ON leakage 5.5 V nA INO(ON) VCOM = Open, See Figure 15 Full –100 100 current COM 25 °C –1 0.1 1 VCOM = 0 to 5.5 V, Switch OFF, OFF leakage ICOM(PWROFF) 0 V µA VNC or VNO = 5.5 V to 0, See Figure 14 Full –20 20 current VCOM = 1 V, 25 °C –20 2 20 COM VNC or VNO = Open, Switch ON, ON leakage ICOM(ON) or 5.5 V nA See Figure 15 Full –100 100 current VCOM = 4.5 V, VNC or VNO = Open, Digital Control Input (IN)(2) Input logic VIH Full 2.4 5.5 V high Input logic low VIL Full 0 0.8 V 25 °C –2 0.2 Input leakage IIH, IIL VI = 5.5 V or 0 5.5 V µA current Full 100 100 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 4 |
Numéro de pièce similaire - TS5A3160DCKR |
|
Description similaire - TS5A3160DCKR |