Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD10226 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD10226
Description  Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD10226 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD10226 Datasheet HTML 7Page - Analog Devices AD10226 Datasheet HTML 8Page - Analog Devices AD10226 Datasheet HTML 9Page - Analog Devices AD10226 Datasheet HTML 10Page - Analog Devices AD10226 Datasheet HTML 11Page - Analog Devices AD10226 Datasheet HTML 12Page - Analog Devices AD10226 Datasheet HTML 13Page - Analog Devices AD10226 Datasheet HTML 14Page - Analog Devices AD10226 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
AD10226
–11–
Harmonic Distortion
The ratio of the rms signal amplitude to the rms value of the worst
harmonic component.
Integral Nonlinearity
The deviation of the transfer function from a reference line measured
in fractions of 1 LSB using a “best straight line” determined by
a least square curve fit.
Minimum Conversion Rate
The ENCODE rate at which the SNR of the lowest analog signal
frequency drops by no more than 3 dB below the guaranteed limit.
Maximum Conversion Rate
The ENCODE rate at which parametric testing is performed.
Output Propagation Delay
The delay between the 50% point of the rising edge of ENCODE
command and the time when all output data bits are within valid
logic levels.
Power Supply Rejection Ratio
The ratio of a change in output offset voltage to a change in
power supply voltage.
Signal-to-Noise-and-Distortion (SINAD)
The ratio of the rms signal amplitude (set at 1 dB below full-scale)
to the rms value of the sum of all other spectral components,
excluding the first six harmonics and dc. [May be reported in dBc
(i.e., degrades as signal levels are lowered) or in dBFS (always
related back to converter full-scale).]
Signal-to-Noise Ratio (without Harmonics)
The ratio of the rms signal amplitude (set at 1 dB below full-scale)
to the rms value of the sum of all other spectral components,
excluding the first six harmonics and dc. [May be reported in
dBc (i.e., degrades as signal levels are lowered) or in dBFS (always
related back to converter full-scale).]
Spurious-Free Dynamic Range
The ratio of the rms signal amplitude to the rms value of the peak
spurious spectral component. The peak spurious component may
or may not be a harmonic. [May be reported in dBc (i.e., degrades
as signal levels is lowered) or in dBFS (always related back to
converter full-scale).]
Two-Tone Intermodulation Distortion Rejection
The ratio of the rms value of either input tone to the rms value
of the worst third order intermodulation product; reported in dBc.
Voltage Standing Wave Ratio (VSWR)
The ratio of the amplitude of the electric field at a voltage maximum
to that at an adjacent voltage minimum.
APPLICATION NOTES
Theory of Operation
The AD10226 is a high-dynamic-range dual 12-bit, 125 MHz
subrange pipeline converter that uses switched capacitor archi-
tecture. The analog input section uses AINA2/B2 at 1.84 V p-p
with an input impedance of 50
Ω. The analog input includes an
ac-coupled wideband 1:1 transformer, which provides high dynamic
range and SNR while maintaining VSWR and gain flatness. The
ADC includes a high bandwidth linear track/hold that gives excel-
lent spurious performance up to and beyond the Nyquist rate. The
high bandwidth track/hold has a low jitter of 0.25 ps rms, leading
to excellent SNR and SFDR performance. AC-coupled differen-
tial PECL/ECL encode inputs are recommended for optimum
performance.
USING THE AD10226
ENCODE Input
Any high speed A/D converter is extremely sensitive to the quality
of the sampling clock provided by the user. A track/hold circuit
is essentially a mixer, and any noise, distortion, or timing jitter
on the clock will be combined with the desired signal at the A/D
output. For that reason, considerable care has been taken in the
design of the ENCODE input of the AD10226, and the user is
advised to give commensurate thought to the clock source.
The monolithic converter has an internal clock duty cycle stabiliza-
tion circuit that locks to the rising edge of ENCODE (falling edge
of
ENCODE if driven differentially), and optimizes timing inter-
nally. This allows for a wide range of input duty cycles at the input
without degrading performance. Jitter in the rising edge of the input
is still of paramount concern and is not reduced by the internal
stabilization circuit. This circuit is always on and cannot be dis-
abled by the user.
The ENCODE and
ENCODE inputs are internally biased to 3.75 V
(nominal) and support either differential or single-ended signals.
For best dynamic performance, a differential signal is recommended.
Good performance is obtained using an MC10EL16 in the circuit
to directly drive the encode inputs, as illustrated in Figure 2.
GND
510
510
0.1 F
0.1 F
PECL
GATE
ENCODE
ENCODE
AD10226
Figure 2. Using PECL to Drive ENCODE Inputs
Often, the cleanest clock source is a crystal oscillator producing
a pure, single-ended sine wave. In this configuration, or with any
roughly symmetrical, single-ended clock source, the signal can
be ac-coupled to the ENCODE input. To minimize jitter, the
signal amplitude should be maximized within the input range
described in the Table II.
Table II. ENCODE Inputs
Description
Min
Nom
Max
Differential Signal
Amplitude (VID)
200 mV
750 mV
5.5 V
Input Voltage
Range (VHID, VILD, VHIS)
–5 V
VCC + 0.5 V
Internal Common-Mode
Voltage (VICM)3.75 V
External Common-Mode
Bias (VECM)
2.0 V
4.25 V
50
50
50
0.1 F
AD10226
ENCODE
ENCODE
50
SINE
SOURCE
0.1 F
Figure 3. Single-Ended 50 Sine Encode Circuit
The 10 k
Ω resistors to ground at each of the inputs, in parallel with
the internal bias resistors, set the common-mode voltage to ~ 2.5 V,


Numéro de pièce similaire - AD10226

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD10226PCB AD-AD10226PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD10226 AD-AD10226_15 Datasheet
984Kb / 20P
   Dual-Channel, 12-Bit 125 MSPS
REV. 0
More results

Description similaire - AD10226

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
   Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_14 Datasheet
819Kb / 35P
[Old version datasheet]   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
National Semiconductor ...
ADC12DL080 NSC-ADC12DL080 Datasheet
1Mb / 24P
   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD10201 AD-AD10201 Datasheet
762Kb / 20P
   DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
REV. 0
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com