Moteur de recherche de fiches techniques de composants électroniques |
|
UC2874 Fiches technique(PDF) 5 Page - Texas Instruments |
|
UC2874 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 10 page 5 UC1874-1,-2 UC2874-1,-2 UC3874-1,-2 CAP: A capacitor is normally connected between this pin and GND providing bypass for the internal 11V regulator. Charge is transferred from this capacitor to CBST via an external diode when the low side MOSFET is conducting. If VCC ≤ 10V logic level MOSFETs are generally speci- fied. CAP should then be shorted to VCC in conjunction with a low VF Schottky to BOOT to maximize the gate drive amplitude. This technique provides adequate gate drive signal amplitudes with VCC as low as 4.5V. For high input voltage applications, a simple external shunt zener regulator circuit can be connected to CAP, thereby offloading power dissipation requirements from the IC to an external transistor. COMP: This is the output of the voltage amplifier. It pro- vides the current command signal to the current ampli- fier. The voltage is clamped to approximately 3.2V. CT: A capacitor from CT to GND sets the PWM oscillator frequency according to the following equation: F CT = • 1 14250 Use a high quality ceramic capacitor with low ESL and ESR for best results. A minimum CT value of 220pF in- sures good accuracy and less susceptibility to circuit lay- out parasitics. The oscillator and PWM are designed to provide practical operation to 300kHZ. GND: All voltages are measured with respect to this pin. All bypass capacitors and timing components except those listed under the PGND pin description should be connected to this pin. Component leads should be as short and direct as possible. HDRIVE, LDRIVE: The outputs of the PWM are totem pole MOSFET gate drivers on the HDRIVE and LDRIVE pins. The outputs can sink approximately 1A and source 500mA. This characteristic optimizes the switching transi- tions by providing a controlled dV/dT at turn-on and a lower impedance at turn-off. These are complementary outputs with a typical deadtime of 200ns. Internal cir- cuitry prevents the possibility of simultaneous conduction of the output MOSFETs (shoot through). HDRIVE is the high side bootstrapped output. Its upper power supply rail is the BOOT pin which means that its output will fly ap- proximately 10V above VCC when the upper side of the totem pole output is conducting. The power supply rail for LDRIVE is CAP. As a result the Vgs of both gates are regulated to approximately 10V if VCC is >11V. A series resistor between these pins and the MOSFET gates of at least 10 ohms can be used to control ringing. Addition- ally, a low VF Schottky diode should be connected be- tween these pins and GND to prevent substrate conduction and possible erratic operation. ISNS-: This is the inverting input to the X10 instrumenta- tion amplifier. The common mode input range for this pin extends from GND to VCC. A low value resistor in series with the output inductor is connected between this pin and ISNS+ to develop the current sense signal. ISNS+: This is the non-inverting input to the X10 instru- mentation amplifier. The common mode input range for this pin extends from GND to VCC. ISOUT: This is the output of the X10 instrumentation am- plifier. The output voltage on this pin is level shifted 2V above GND, such that if a 100mV differential input is ap- plied across ISNS+ and ISNS-, the output will be 3V. PGND: This is the high current ground for the IC. The MOSFET driver transistors are referenced to this ground. For best performance an external star ground connection should be made between this pin, the source of the low side MOSFET, the capacitor on CAP, the anodes of any external Schottky clamp diodes and the output filter ca- pacitor. As with all high frequency layouts, a ground plane and short leads are highly recommended. SB: The voltage on SB sets the output current level at which standby mode is initiated. A voltage level from 0V to 1V programs the threshold from 50% to 0% of full load current. Full load current corresponds to a 100mV differ- ential signal across the ISNS inputs. Since this is a high impedance input, a voltage divider derived from VREF may be used to program this level. Another possi- ble use is to actively control this level with external cir- cuitry to adaptively control converter efficiency. Tying SB to VREF disables standby mode operation. SS: A capacitor from this pin to GND in conjunction with an internal 10mA current source provides a soft start function for the IC. The voltage level on SS clamps the output of the voltage amplifier through an internal buffer, thus providing a controlled startup. The SS time is ap- proximately: C V V V A SS O IN •• 3 10 µ Once the device has completed its soft start cycle, a low power sleep mode can be invoked by pulling SS below 0.5V typically. In sleep mode, all of the device functions are disabled except for those which are required to bring the device out of sleep mode when SS is released. Typi- cal sleep mode supply current is less than 50mA. VCC: Positive supply rail for the IC. Bypass this pin to GND with a 1mF low ESL/ESR ceramic capacitor. The maximum voltage for VCC is 36V. The turn on voltage level on VCC is 4.5V with 100mV of hysteresis for the |
Numéro de pièce similaire - UC2874 |
|
Description similaire - UC2874 |