Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2874-2 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce UC2874-2
Description  High Efficiency, Synchronous, Step-down (Buck) Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2874-2 Fiches technique(HTML) 1 Page - Texas Instruments

  UC2874-2 Datasheet HTML 1Page - Texas Instruments UC2874-2 Datasheet HTML 2Page - Texas Instruments UC2874-2 Datasheet HTML 3Page - Texas Instruments UC2874-2 Datasheet HTML 4Page - Texas Instruments UC2874-2 Datasheet HTML 5Page - Texas Instruments UC2874-2 Datasheet HTML 6Page - Texas Instruments UC2874-2 Datasheet HTML 7Page - Texas Instruments UC2874-2 Datasheet HTML 8Page - Texas Instruments UC2874-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DESCRIPTION
Not Recommended for New Designs.
The UC3874 family of synchronous step-down (Buck) regulators provides
high efficiency power conversion from an input voltage range of 4.5 to 36
volts. The UC3874 is tailored for battery powered applications such as
laptop computers, consumer products, communications systems, and
aerospace which demand high performance and long battery life. The
synchronous regulator replaces the catch diode in the standard buck
regulator with a low Rds(on) N-channel MOSFET switch allowing for
significant efficiency improvements. The high side N-channel MOSFET
switch is driven out of phase from the low side N-channel MOSFET switch
by an on-chip bootstrap circuit which requires only a single external
capacitor to develop the regulated gate drive. Fixed frequency, average
current
mode
control
provides
the
regulator
with
inherent
slope
compensation, tight regulation of the output voltage, and superior load and
line transient response. Switching frequencies up to 300kHz are possible.
Light load efficiency is improved by a fully programmable standby mode, in
which the quiescent current consumption of the controller is significantly re-
duced. The reduction is achieved by disabling the MOSFET driver outputs
and the internal oscillator when the controller has sensed that the the out-
put load current has dropped a user programmable amount from full load.
(continued)
High Efficiency, Synchronous, Step-down (Buck) Controllers
FEATURES
Operation to 36V Input Voltage
Fixed Frequency Average Current
Mode Control
Standby Mode for Improved
Efficiency at Light Load
Drives External N-Channel
MOSFETs for Highest Efficiency
Sleep Mode Current < 50mA
Complementary 1 Amp Outputs with
Regulated Gate Drive Voltage
LDO (Low Drop Out) Virtual 100%
Duty Cycle Operation
Non-Overlapping Gate Drives
2/98
BLOCK DIAGRAM
UC1874-1,-2
UC2874-1,-2
UC3874-1,-2
UDG-95005-1


Numéro de pièce similaire - UC2874-2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2874-2 TI-UC2874-2 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
More results

Description similaire - UC2874-2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874 TI-UC1874 Datasheet
350Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down Buck Controllers
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
   High Efficiency, Synchronous Step-Down Controller
logo
Semtech Corporation
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
   High Efficiency Synchronous, Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com