Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100ES6210AC Fiches technique(PDF) 3 Page - Freescale Semiconductor, Inc

No de pièce MC100ES6210AC
Description  Low Voltage 2.5/3.3 V Differential ECL/PECL/HSTL Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES6210AC Fiches technique(HTML) 3 Page - Freescale Semiconductor, Inc

  MC100ES6210AC Datasheet HTML 1Page - Freescale Semiconductor, Inc MC100ES6210AC Datasheet HTML 2Page - Freescale Semiconductor, Inc MC100ES6210AC Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES6210AC Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES6210AC Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES6210AC Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES6210AC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES6210AC Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
3
MC100ES6210
Table 3. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC – 2(1)
1. Output termination voltage VTT = 0 V for VCC = 2.5 V operation is supported but the power consumption of the device will increase.
V
MM
ESD Protection (Machine Model)
200
V
HBM
ESD Protection (Human Body Model)
2000
V
CDM
ESD Protection (Charged Device Model)
V
LU
Latch-Up Immunity
200
mA
CIN
Input Capacitance
4.0
pF
Inputs
θJA
Thermal Resistance Junction to Ambient
JESD 51-3, single layer test board
JESD 51-6, 2S2P multilayer test board
83.1
73.3
68.9
63.8
57.4
59.0
54.4
52.5
50.4
47.8
86.0
75.4
70.9
65.3
59.6
60.6
55.7
53.8
51.5
48.8
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
Natural convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
Natural convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
θJC
Thermal Resistance Junction to Case
23.0
26.3
°C/W
MIL-SPEC 883E
Method 1012.1
TJ
Operating Junction Temperature(2)
(continuous operation)
MTBF = 9.1 years
2. Operating junction temperature impacts device life time. Maximum continuous operating junction temperature should be selected according
to the application life time requirements (See application note AN1545 for more information). The device AC and DC parameters are
specified up to 110
°C junction temperature allowing the MC100ES6210 to be used in applications requiring industrial temperature range. It
is recommended that users of the MC100ES6210 employ thermal modeling analysis to assist in applying the junction temperature
specifications to their particular application.
110
°C
Table 4. PECL DC Characteristics (VCC = 2.5 V ± 5% or VCC = 3.3 V ± 5%, VEE = GND, TJ = 0°C to +110°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
Clock Input Pair CLKA, CLKA, CLKB, CLKB (PECL differential signals)
VPP
Differential Input Voltage(1)
1. VPP (DC) is the minimum differential input voltage swing required to maintain device functionality.
0.1
1.3
V
Differential operation
VCMR
Differential Cross Point Voltage(2)
2. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC)
range and the input swing lies within the VPP (DC) specification.
1.0
VCC – 0.3
V
Differential operation
IIN
Input Current(1)
±100
µAVIN = VIL or VIN = VIH
PECL Clock Outputs (QA0-4, QA0-4, QB0-4, QB0-4)
VOH
Output High Voltage
VCC –1.2
VCC –1.005
VCC –0.7
V
IOH = –30 mA(3)
3. Equivalent to a termination of 50
Ω to VTT.
VOL
Output Low Voltage
VCC = 3.3 V±5%
VCC = 2.5 V±5%
VCC –1.9
VCC –1.9
VCC –1.705
VCC –1.705
VCC –1.5
VCC –1.3
VIOL = –5 mA(3)
Supply Current and VBB
IEE
Maximum Quiescent Supply Current
without Output Termination Current
60
100
mA
VEE pin
VBB
Output Reference Voltage
VCC –1.38
VCC –1.26
VCC –1.14
V
IBB = 0.2 mA


Numéro de pièce similaire - MC100ES6210AC

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
MC100ES6210AC RENESAS-MC100ES6210AC Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
MC100ES6210ACR2 RENESAS-MC100ES6210ACR2 Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
More results

Description similaire - MC100ES6210AC

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC100ES6111 MOTOROLA-MC100ES6111 Datasheet
136Kb / 12P
   LOW VOLTAGE 2.5/3.3V DIFFIERENTIAL ECL / PECL/ HSTL FANOUT BUFFER
logo
Renesas Technology Corp
MC100ES6210 RENESAS-MC100ES6210 Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
logo
Freescale Semiconductor...
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
logo
Texas Instruments
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
NXP Semiconductors
PCKEP14 PHILIPS-PCKEP14 Datasheet
351Kb / 15P
   2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
Freescale Semiconductor...
MC100ES6014 FREESCALE-MC100ES6014 Datasheet
261Kb / 8P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com