Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KFG2816U1M-DEB Fiches technique(PDF) 10 Page - Samsung semiconductor

No de pièce KFG2816U1M-DEB
Description  OneNAND SPECIFICATION
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFG2816U1M-DEB Fiches technique(HTML) 10 Page - Samsung semiconductor

Back Button KFG2816U1M-DEB Datasheet HTML 6Page - Samsung semiconductor KFG2816U1M-DEB Datasheet HTML 7Page - Samsung semiconductor KFG2816U1M-DEB Datasheet HTML 8Page - Samsung semiconductor KFG2816U1M-DEB Datasheet HTML 9Page - Samsung semiconductor KFG2816U1M-DEB Datasheet HTML 10Page - Samsung semiconductor KFG2816U1M-DEB Datasheet HTML 11Page - Samsung semiconductor KFG2816U1M-DEB Datasheet HTML 12Page - Samsung semiconductor KFG2816U1M-DEB Datasheet HTML 13Page - Samsung semiconductor KFG2816U1M-DEB Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
OneNAND128
FLASH MEMORY
10
5. BLOCK DIAGRAM
BootRAM
CLK
CE
OE
WE
RP
AVD
StateMachine
Bootloader
Internal Registers
(Address/Command/Configuration
/Status Registers)
Error
Correction
Logic
INT
- Host Interface
- BufferRAM(BootRAM, DataRAM)
- Command and status registers
- State Machine (Bootloader is included)
- Error Correction Logic
- Memory(NAND Flash Array, OTP)
NOTE:
1) At cold reset, bootloader copies boot code(1K byte size) from NAND Flash Array to BootRAM.
DataRAM
BufferRAM
NAND Flash
Array
OTP
(One Block)
RDY
Figure 1. Internal Block Diagram
A15~A0
DQ15~DQ0


Numéro de pièce similaire - KFG2816U1M-DEB

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KFG2G1612M-DEB5 SAMSUNG-KFG2G1612M-DEB5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G1612M-DED5 SAMSUNG-KFG2G1612M-DED5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G16D2M-DEB5 SAMSUNG-KFG2G16D2M-DEB5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G16D2M-DEB6 SAMSUNG-KFG2G16D2M-DEB6 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G16D2M-DED5 SAMSUNG-KFG2G16D2M-DED5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
More results

Description similaire - KFG2816U1M-DEB

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KFG5616Q1A-DEB5 SAMSUNG-KFG5616Q1A-DEB5 Datasheet
1Mb / 113P
   OneNAND Specification FLASH MEMORY
KFG5616Q1A-DEB6 SAMSUNG-KFG5616Q1A-DEB6 Datasheet
1Mb / 113P
   OneNAND Specification FLASH MEMORY
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
logo
Samsung semiconductor
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
   SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
   SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
   SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
   SPECIFICATION
CL31A226KAHNNNE SAMSUNG-CL31A226KAHNNNE Datasheet
80Kb / 2P
   SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com