Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV065M Fiches technique(PDF) 5 Page - Advanced Micro Devices

No de pièce AM29LV065M
Description  64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065M Fiches technique(HTML) 5 Page - Advanced Micro Devices

  AM29LV065M Datasheet HTML 1Page - Advanced Micro Devices AM29LV065M Datasheet HTML 2Page - Advanced Micro Devices AM29LV065M Datasheet HTML 3Page - Advanced Micro Devices AM29LV065M Datasheet HTML 4Page - Advanced Micro Devices AM29LV065M Datasheet HTML 5Page - Advanced Micro Devices AM29LV065M Datasheet HTML 6Page - Advanced Micro Devices AM29LV065M Datasheet HTML 7Page - Advanced Micro Devices AM29LV065M Datasheet HTML 8Page - Advanced Micro Devices AM29LV065M Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Am29LV065M
5
ADV ANCE
I N FO RMAT I O N
CONNECTION DIAGRAMS
Special Handling Instructions for FBGA
Package
Special handling is required for Flash Memory products
in FBGA packages.
Flash memory devices in FBGA packages may be
damaged if exposed to ultrasonic cleaning methods.
The package and/or data integrity may be compromised
if the package body is exposed to temperatures above
150
°C for prolonged periods of time.
C2
D2
C3
D3
E2
E3
F2
F3
G2
G3
H2
H3
J2
J3
K2
A3
A4
A2
A1
A0
CE#
OE#
VSS
A7
A18
A6
A5
DQ0
NC
NC
DQ1
RY/BY#
ACC
NC
NC
DQ2
DQ3
VIO
A21
WE#
RESET#
A22
NC
DQ5
NC
VCC
DQ4
A9
A8
A11
A12
A19
A10
DQ6
DQ7
A14
A13
A15
A16
A17
NC
A20
VSS
C4
D4
E4
A1
B1
A2
NC*
NC*
NC*
F4
G4
H4
J4
K4
C5
D5
E5
F5
G5
H5
J5
K5
C6
D6
E6
F6
G6
H6
J6
K6
C7
D7
E7
NC*
NC*
NC*
NC*
A7
B7
A8
B8
F7
G7
H7
J7
K7
NC*
NC*
NC*
NC*
L7
M7
L8
M8
K3
L1
L2
M1
NC*
NC*
NC*
NC*
M2
* Balls are shorted together via the substrate but not connected to the die.
63-Ball FBGA
Top View, Balls Facing Down


Numéro de pièce similaire - AM29LV065M

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29LV065MU AMD-AM29LV065MU Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV065MU100EF AMD-AM29LV065MU100EF Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV065MU100EI AMD-AM29LV065MU100EI Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV065MU100FF AMD-AM29LV065MU100FF Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV065MU100FI AMD-AM29LV065MU100FI Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results

Description similaire - AM29LV065M

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29LV065MU AMD-AM29LV065MU Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640MH AMD-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV033MU SPANSION-AM29LV033MU_06 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV033MU AMD-AM29LV033MU Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_07 Datasheet
1Mb / 59P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com