Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJE800 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MJE800
Description  DARLINGTON POWER TRANSISTORS COMPLEMENTARY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE800 Fiches technique(HTML) 3 Page - ON Semiconductor

  MJE800 Datasheet HTML 1Page - ON Semiconductor MJE800 Datasheet HTML 2Page - ON Semiconductor MJE800 Datasheet HTML 3Page - ON Semiconductor MJE800 Datasheet HTML 4Page - ON Semiconductor MJE800 Datasheet HTML 5Page - ON Semiconductor MJE800 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJE700,T MJE702 MJE703 MJE800,T MJE802 MJE803
3
Motorola Bipolar Power Transistor Device Data
t, TIME (ms)
1.0
0.01
0.01
0.5
0.2
0.1
0.05
0.02
0.05
1.0
2.0
5.0
10
20
50
100
200
1000
500
θJC(t) = r(t) θJC
θJC = 3.12°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.01
SINGLE PULSE
0.1
0.7
0.3
0.07
0.03
0.02
0.1
0.5
0.2
Figure 5. Thermal Response (MJE700, 800 Series)
0.03
3.0
30
300
0.3
10
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.1
100
2.0
5.0
0.5
Figure 6. MJE700 Series
MJE702, 703
MJE700
dc
1.0
3.0
1.0 ms
70
50
30
20
10
7.0
5.0
100
µs
TJ = 150°C
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.1
Figure 7. MJE800 Series
100
70
50
30
20
10
7.0
5.0
0.2
0.7
0.3
7.0
10
2.0
5.0
0.5
1.0
3.0
0.2
0.7
0.3
7.0
5.0 ms
BONDING WIRE LIMITED
THERMALLY LIMITED
@ TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMITED
100
µs
1.0 ms
5.0 ms
dc
TJ = 150°C
BONDING WIRE LIMITED
THERMALLY LIMITED
@ TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMITED
MJE802, 803
MJE800
ACTIVE–REGION SAFE–OPERATING AREA
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figures 6 and 7 are based on TJ(pk) = 150_C;
TC is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
< 150
_C. TJ(pk) may be calculated from the data in Figure 4
or 5. At high case temperatures, thermal limitations will re-
duce the power that can be handled to values less than the
limitations imposed by second breakdown.
10
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.1
1.0
5.0
0.2
Figure 8. MJE700T
0.5
2.0
5.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.1
Figure 9. MJE800T
100
70
50
30
20
10
7.0
5.0
100
70
50
30
20
10
7.0
10
1.0
5.0
0.2
0.5
2.0
100
µs
1.0 ms
5.0 ms
dc
TJ = 150°C
BONDING WIRE LIMITED
THERMALLY LIMITED
@ TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMITED
100
µs
1.0 ms
5.0 ms
dc
TJ = 150°C
BONDING WIRE LIMITED
THERMALLY LIMITED
@ TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMITED


Numéro de pièce similaire - MJE800

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MJE800 MOTOROLA-MJE800 Datasheet
256Kb / 6P
   4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
logo
Fairchild Semiconductor
MJE800 FAIRCHILD-MJE800 Datasheet
51Kb / 4P
   Monolithic Construction With Built-in Base- Emitter Resistors
logo
ON Semiconductor
MJE800 ONSEMI-MJE800 Datasheet
84Kb / 6P
   4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
February, 2006 ??Rev. 8
logo
Savantic, Inc.
MJE800 SAVANTIC-MJE800 Datasheet
103Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJE800 ISC-MJE800 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
More results

Description similaire - MJE800

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_06 Datasheet
101Kb / 8P
   Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
TIP122FP STMICROELECTRONICS-TIP122FP_09 Datasheet
646Kb / 11P
   Complementary power Darlington transistors
TIP142 STMICROELECTRONICS-TIP142 Datasheet
166Kb / 8P
   Complementary power Darlington transistors
2STW100 STMICROELECTRONICS-2STW100 Datasheet
121Kb / 7P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_V01 Datasheet
207Kb / 11P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
MJD122T4 STMICROELECTRONICS-MJD122T4 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
STX112 STMICROELECTRONICS-STX112 Datasheet
343Kb / 9P
   Complementary power Darlington transistors
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122 Datasheet
137Kb / 8P
   Complementary Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com