Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS8330DW36-200 Fiches technique(PDF) 4 Page - GSI Technology

No de pièce GS8330DW36-200
Description  Double Late Write SigmaRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8330DW36-200 Fiches technique(HTML) 4 Page - GSI Technology

  GS8330DW36-200 Datasheet HTML 1Page - GSI Technology GS8330DW36-200 Datasheet HTML 2Page - GSI Technology GS8330DW36-200 Datasheet HTML 3Page - GSI Technology GS8330DW36-200 Datasheet HTML 4Page - GSI Technology GS8330DW36-200 Datasheet HTML 5Page - GSI Technology GS8330DW36-200 Datasheet HTML 6Page - GSI Technology GS8330DW36-200 Datasheet HTML 7Page - GSI Technology GS8330DW36-200 Datasheet HTML 8Page - GSI Technology GS8330DW36-200 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Rev: 1.00 6/2003
4/30
© 2003, GSI Technology, Inc.
Specifications cited are design targets and are subject to change without notice. For latest documentation contact your GSI representative.
Preliminary
GS8330DW36/72C-250/200
Operation Control
All address, data and control inputs (with the exception of EP2, EP3, ZQ, and the mode pins, L6, M6, and J6) are synchronized to
rising clock edges. Data in is captured on both rising and falling edges of CK. Read and write operations must be initiated with the
Advance/Load pin (ADV) held low, in order to load the new address. Device activation is accomplished by asserting all three of the
Chip Enable inputs (E1, E2, and E3). Deassertion of any one of the Enable inputs will deactivate the device. It should be noted
that ONLY deactivation of the RAM via E2 and/or E3 deactivates the Echo Clocks, CQ1–CQ2.
Pin Description Table
Symbol
Description
Type
Comments
A
Address
Input
ADV
Advance
Input
Active High
Bx
Byte Write Enable
Input
Active Low
W
Write Enable
Input
Active Low
E1
Chip Enable
Input
Active Low
E2 & E3
Chip Enable
Input
Programmable Active High or Low
EP2 & EP3
Chip Enable Program Pin
Mode Input
To be tied directly to VDD, VDDQ or VSS
CK
Clock
Input
Active High
CQ, CQ
Echo Clock
Output
Three State - Deselect via E2 or E3 False
DQ
Data I/O
Input/Output
Three State
MCH
Must Connect High
Input
Active High
To be tied directly to VDD or VDDQ
MCL
Must Connect Low
Input
Active Low
To be tied directly to VSS
ZQ
Output Impedance Control
Mode Input
Low = Low Impedance [High Drive]
High = High Impedance [Low Drive]
To be tied directly to VDDQ or VSS
TCK
Test Clock
Input
Active High
TDI
Test Data In
Input
TDO
Test Data Out
Output
TMS
Test Mode Select
Input
NC
No Connect
Not connected to die or any other pin
VDD
Core Power Supply
Input
1.8 V Nominal
VDDQ
Output Driver Power Supply
Input
1.8 V Nominal
VSS
Ground
Input


Numéro de pièce similaire - GS8330DW36-200

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C-200 GSI-GS8330LW36C-200 Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C-200I GSI-GS8330LW36C-200I Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C-250 GSI-GS8330LW36C-250 Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C-250I GSI-GS8330LW36C-250I Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
More results

Description similaire - GS8330DW36-200

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8170DW36AC GSI-GS8170DW36AC Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
GS8170DW36C GSI-GS8170DW36C Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
logo
Samsung semiconductor
K7Z167288B SAMSUNG-K7Z167288B Datasheet
240Kb / 20P
   512Kx36 & 256Kx72 DLW(Double Late Write) RAM
logo
Motorola, Inc
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com