Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS39100CW1.5 Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS39100CW1.5
Description  1.0A Ultra Low Dropout Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39100CW1.5 Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS39100CW1.5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39100CW1.5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39100CW1.5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39100CW1.5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39100CW1.5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39100CW1.5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39100CW1.5 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39100CW1.5 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39100CW1.5 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TS39100/1/2/3
3-10
2004/06 rev. E
Thermal Performance
Condition
Package type
Typ
Unit
SOT-223
15
SOP-8
20
Thermal Resistance
Junction to Ambient
TO-252
25
oC/W
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed
specifications and test conditions see the Electrical Characteristics.
Note 2: The device is not guaranteed to operate outside its operating rating.
Note 3: Devices are ESD sensitive. Handling precautions recommended.
Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature, Tj, the junction to
ambient thermal resistance, θja, and the ambient temperature, Ta. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The effective
value of θja can be reduced by using a heatsink, Pd(max) = (Tj(max) – Ta) / Θja.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops -1% below its
nominal value measured at 1V differential.
Note 6: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the
ground pin current and output load current, Iin = Ignd + Iout.
Note 7: Vref
≤ Vout ≤ (Vin – 1V), 2.25V ≤ Vin ≤ 16V, 10mA ≤ IL ≤ 1.0A.
Note 8: Output voltage temperature coefficient is ∆Vout (worse cast) / (Tj(max) - Tj(min)) where is Tj(max) +125
oC and
Tj(min) is 0
oC.
Note 9: For adjustable device and fiexed device with Vout > 2.25V.
Block Diagram
TS39100


Numéro de pièce similaire - TS39100CW1.5

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS39100CW18RP TSC-TS39100CW18RP Datasheet
140Kb / 7P
   1A Ultra Low Dropout Voltage Regulator
TS39100CW18RPG TSC-TS39100CW18RPG Datasheet
140Kb / 7P
   1A Ultra Low Dropout Voltage Regulator
More results

Description similaire - TS39100CW1.5

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com