Moteur de recherche de fiches techniques de composants électroniques |
|
TS2902 Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd |
|
TS2902 Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd |
3 / 6 page TS2902 3-6 2005/04 rev. B Circuit Description The TS2902 made using four internally compensated, two-stage operational amplifiers. The first stage performs not only the first stage gain function but also performs the level shifting and transconductance reduction functions. By reducing the transconductance, a smaller compensation capacitor (only 5.0pF) can be employed, thus saving chip area. Another feature of this input stage is that the input common mode range can include the negative supply or ground, in single supply operation, without saturating either the input devices or the differential to single-ended converter. The second stage consists of a standard current source load amplifier stage. Each amplifier is biased from an internal-voltage regulator, and which has a low temperature coefficient thus giving each amplifier good temperature characteristics as well as excellent power supply rejection. Electrical Characteristics Curve |
Numéro de pièce similaire - TS2902 |
|
Description similaire - TS2902 |