Moteur de recherche de fiches techniques de composants électroniques |
|
TS2596CZ5 Fiches technique(PDF) 5 Page - Taiwan Semiconductor Company, Ltd |
|
TS2596CZ5 Fiches technique(HTML) 5 Page - Taiwan Semiconductor Company, Ltd |
5 / 6 page TS2596 5-6 2003/12 rev. D Application Data Quick Design Component Selection Table for Fixed Output Input / Output Condition Inductor Output Capacitor Nichicon PL series Sprague 595D series Output (V) Load current (A) Max. Input voltage (V) Inductance (uH) Current (A) uF V uF V 8 22 3.5 560 25 330 10 15 33 3.5 330 35 330 10 3 25 47 3.5 270 35 330 10 9 22 3.1 470 25 330 10 15 68 3.1 180 35 270 10 5 2 25 68 3.1 180 35 270 10 5 22 3.5 470 25 390 6.3 12 22 3.5 560 35 390 6.3 3 25 33 3.5 680 35 390 6.3 6 22 3.1 470 25 390 6.3 12 33 3.1 330 35 390 6.3 3.3 2 25 47 3.1 330 35 330 10 Quick Design Component Selection Table for Adjustable Output Input / Output Condition Output Capacitor Nichicon PL series Sprague 595D series Feedforword Capacitor Output (V) uF V uF V Value Unit 2 820 35 330 10 33 nF 4 470 35 330 10 10 nF 6 470 25 330 10 3.3 nF 9 330 25 330 10 1.5 nF 12 330 25 270 10 1 nF 15 220 35 270 10 680 pF 24 150 35 390 6.3 560 pF Schottky Diode Selection Table (Taiwan Semiconductor Part Number) Reverse Voltage Forward Rectified Current (4~6A) (V) Surface Mount Through Hole 20 -- SR502 30 SK53C SR503 40 SK54C SR504 |
Numéro de pièce similaire - TS2596CZ5 |
|
Description similaire - TS2596CZ5 |