Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-5151-200 Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-5151-200
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5151-200 Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-5151-200 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-5151-200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-5151-200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5151-200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5151-200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5151-200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5151-200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5151-200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5151-200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Truth Table
A 0.1
µF bypass capacitor must be connected between pins 5 and 8.
Device Marking
Outline Drawing
LED
VCC − VEE
“POSITIVE GOING”
(i.e., TURN-ON)
VCC − VEE
“NEGATIVE GOING”
(i.e., TURN-OFF)
VO
OFF
0
− 30 V
0
− 30 V
LOW
ON
0
− 11 V
0
− 9.5 V
LOW
ON
11
− 13.5 V
9.5
− 12 V
TRANSITION
ON
13.5
− 30 V
12
− 30 V
HIGH
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
A
HCPL-515x
5962-04205
01Hxx
50434
COUNTRY OF MFR.
Agilent CAGE CODE*
Agilent DESIGNATOR
DSCC SMD*
PIN ONE/
ESD IDENT
Agilent P/N
DSCC SMD*
* QUALIFIED PARTS ONLY
SGP
QYYWWZ
3.81 (0.150)
MIN.
4.32 (0.170)
MAX.
9.40 (0.370)
9.91 (0.390)
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.76 (0.030)
1.27 (0.050)
8.13 (0.320)
MAX.
7.36 (0.290)
7.87 (0.310)
0.20 (0.008)
0.33 (0.013)
7.16 (0.282)
7.57 (0.298)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
Selection Guide
− Package Styles and
Lead Configuration Options
Agilent Part Number and Options
Commercial
HCPL-5150
MIL-PRF-38534, Class H HCPL-5151
Standard Lead Finish
Gold Plate
Solder Dipped
Option
−200
Butt Cut/Gold Plate
Option
−100
Gull Wing/Soldered
Option
−300
SMD Part Number
Prescript for all below
5962-
Either Gold or Solder
0420501HPX
Gold Plate
0420501HPC
Solder Dipped
0420501HPA
Butt Cut/Gold Plate
0420501HYC
Butt Cut/Soldered
0420501HYA
Gull Wing/Soldered
0420501HXA


Numéro de pièce similaire - HCPL-5151-200

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HCPL-5151 BOARDCOM-HCPL-5151 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
More results

Description similaire - HCPL-5151-200

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com