Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJ10016 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MJ10016
Description  NPN SILICON POWER DARLINGTON TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ10016 Fiches technique(HTML) 3 Page - ON Semiconductor

  MJ10016 Datasheet HTML 1Page - ON Semiconductor MJ10016 Datasheet HTML 2Page - ON Semiconductor MJ10016 Datasheet HTML 3Page - ON Semiconductor MJ10016 Datasheet HTML 4Page - ON Semiconductor MJ10016 Datasheet HTML 5Page - ON Semiconductor MJ10016 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJ10015 MJ10016
3
Motorola Bipolar Power Transistor Device Data
– 0.2
VBE, BASE–EMITTER VOLTAGE (VOLTS)
0
2.8
IC, COLLECTOR CURRENT (AMP)
2.4
2.0
1.6
1.2
IC/IB = 10
100
0.5
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
5.0
1.0
2.0
5.0
10
20
50
50
10
20
Figure 2. Collector–Emitter Saturation Voltage
0.5
IC, COLLECTOR CURRENT (AMP)
0.4
2.0
5.0
1.2
0.8
TC = 25°C
VCE = 5.0 V
10
20
50
Figure 3. Base–Emitter Saturation Voltage
+ 0.2
0.5
1.0
2.0
10
50
20
5.0
Figure 4. Collector Cutoff Region
2.4
2.0
1.6
Figure 5. Output Capacitance
1500
0.4
VR, REVERSE VOLTAGE (VOLTS)
100
10
1000
100
400
200
FORWARD
0.8
VCE = 250 V
75
°C
100
°C
REVERSE
25
°C
TJ = 125°C
1.0
4.0
40
300
500
TJ = 150°C
TJ = 25°C
104
103
102
101
100
10–1
1.0
IC/IB = 10
TJ = 150°C
TJ = 25°C
+ 0.4
+ 0.6
+ 0.8
TJ = 25°C
TYPICAL CHARACTERISTICS


Numéro de pièce similaire - MJ10016

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
MJ10016 MOSPEC-MJ10016 Datasheet
181Kb / 4P
   POWER TRANSISTORS(50A,400-500V,250W)
logo
Motorola, Inc
MJ10016 MOTOROLA-MJ10016 Datasheet
217Kb / 6P
   50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
logo
New Jersey Semi-Conduct...
MJ10016 NJSEMI-MJ10016 Datasheet
71Kb / 1P
   NPN SILICON POWER DARLINGTON TRANSISTORS
logo
Inchange Semiconductor ...
MJ10016 ISC-MJ10016 Datasheet
284Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Description similaire - MJ10016

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895_2015 JMNIC-2SD1895_2015 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2386 ISC-2SD2386 Datasheet
83Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
   Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com