Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJ10012 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MJ10012
Description  POWER TRANSISTORS DARLINGTON NPN SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ10012 Fiches technique(HTML) 6 Page - ON Semiconductor

  MJ10012 Datasheet HTML 1Page - ON Semiconductor MJ10012 Datasheet HTML 2Page - ON Semiconductor MJ10012 Datasheet HTML 3Page - ON Semiconductor MJ10012 Datasheet HTML 4Page - ON Semiconductor MJ10012 Datasheet HTML 5Page - ON Semiconductor MJ10012 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MJ10012 MJH10012
6
Motorola Bipolar Power Transistor Device Data
How to reach us:
USA / EUROPE: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, Toshikatsu Otsuki,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447
6F Seibu–Butsuryu–Center, 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE (602) 244–6609
HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
MJ10012/D
*MJ10012/D*


Numéro de pièce similaire - MJ10012

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
MJ10012 MOSPEC-MJ10012 Datasheet
176Kb / 4P
   POWER TRANSISTORS(10A,400V,175W)
logo
Motorola, Inc
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
logo
Wing Shing Computer Com...
MJ10012 WINGS-MJ10012 Datasheet
23Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10012 BOCA-MJ10012 Datasheet
183Kb / 4P
   NPN SILICON POWER DARLINGTON TRANSISTORS
logo
Central Semiconductor C...
MJ10012 CENTRAL-MJ10012 Datasheet
54Kb / 1P
   Power Transistors
More results

Description similaire - MJ10012

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895_2015 JMNIC-2SD1895_2015 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2386 ISC-2SD2386 Datasheet
83Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
   Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com