Moteur de recherche de fiches techniques de composants électroniques |
|
SI4418DY-E3 Fiches technique(PDF) 4 Page - Vishay Siliconix |
|
SI4418DY-E3 Fiches technique(HTML) 4 Page - Vishay Siliconix |
4 / 5 page Si4418DY Vishay Siliconix New Product www.vishay.com 4 Document Number: 72513 S-32412—Rev. B, 24-Nov-03 TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) 0 50 20 40 Single Pulse Power Time (sec) 10−3 10−2 1 10 600 10−1 10−4 100 −1.6 −1.4 −1.2 −1.0 −0.8 −0.6 −0.4 −0.2 −0.0 0.2 0.4 0.6 0.8 −50 −25 0 25 50 75 100 125 150 ID = 250 mA 2 1 0.1 0.01 0.2 0.1 0.05 0.02 Single Pulse Duty Cycle = 0.5 Threshold Voltage TJ − Temperature (_C) Normalized Thermal Transient Impedance, Junction-to-Ambient Square Wave Pulse Duration (sec) 1. Duty Cycle, D = 2. Per Unit Base = RthJA = 71_C/W 3. TJM − TA = PDMZthJA(t) t1 t2 t1 t2 Notes: 4. Surface Mounted PDM 1 600 10 0.1 0.01 100 Safe Operating Area VDS − Drain-to-Source Voltage (V) 100 1 0.1 1 10 1000 0.001 10 TA = 25_C Single Pulse P(t) = 10 dc 0.1 IDM Limited ID(on) Limited rDS(on) Limited BVDSS Limited P(t) = 1 P(t) = 0.1 P(t) = 0.01 P(t) = 0.001 P(t) = 0.0001 0.01 100 10 30 |
Numéro de pièce similaire - SI4418DY-E3 |
|
Description similaire - SI4418DY-E3 |