Moteur de recherche de fiches techniques de composants électroniques |
|
TS1581CM53.3 Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd |
|
TS1581CM53.3 Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd |
3 / 7 page TS1581 series 3-3 2003/12 rev. B Thermal Performance Condition Package type Typ Unit TO-220-5L 50 Thermal Resistance Junction to Ambient TO-263-5L 60 oC/W Pin Description Pin No. Pin Name Pin Description 1 Sense This pin is the positive side of the reference voltage for this device. With this pin it is possible to Kelvin Sense the output voltage at the load. 2 Adjust / Ground This pin is the negative side of the reference voltage for this device. Transient response can be improved by adding a small bypass capacitor from the adjust pin to ground. 3 Output This pin is power output of the device. 4 Control This pin is the supply pin for the control circuitry for the device. The current flow into this pin will be about 1% of the output current. For the device to regulate, the voltage at this pin must be 1.3V greater than the output voltage. 5 Power This pin is the collector of the power transistor. The output load current is supplied through this pin. The voltage at this pin must be 0.7V greater than the output voltage for the device to regulate. |
Numéro de pièce similaire - TS1581CM53.3 |
|
Description similaire - TS1581CM53.3 |