Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPC6104 Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TPC6104
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6104 Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TPC6104 Datasheet HTML 1Page - Toshiba Semiconductor TPC6104 Datasheet HTML 2Page - Toshiba Semiconductor TPC6104 Datasheet HTML 3Page - Toshiba Semiconductor TPC6104 Datasheet HTML 4Page - Toshiba Semiconductor TPC6104 Datasheet HTML 5Page - Toshiba Semiconductor TPC6104 Datasheet HTML 6Page - Toshiba Semiconductor TPC6104 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPC6104
2004-07-06
4
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
|Yfs| – ID
Drain current ID (A)
RDS (ON) – ID
0
0
−1
−2
−3
−4
−5
−0.2
−0.4
−0.6
−1.0
Common source
Ta
= 25°C Pulse test
VGS = −1.4 V
−5
−0.8
−4
−3
−2.5 −2
−1.9
−1.8
−1.7
−1.6
−1.5
−5
0
−1
−2
−3
−4
−5
−2.5
VGS = −1.4 V
−3
0
−2
−4
−6
−8
−10
Common source
Ta
= 25°C Pulse test
−2.1
−2
−1.8
−1.6
0
−2
−4
−6
−8
−10
0
−0.5
−1
−1.5
−2
−2.5
Common source
VDS = −10 V
Pulse test
Ta
= −55°C
100°C
25°C
0
−0.2
−0.4
−0.6
−0.8
−1
0
−2
−4
−6
−8
−10
−1.1 A
−2.2 A
Common source
Ta
= 25°C
Pulse test
ID = −4.5 A
0.1
1
10
100
−0.1
−1
−10
−100
100°C
25°C
Ta
= −55°C
Common source
VDS = −10 V
Pulse test
0.3
3
30
−0.3
−3
−30
−4
10
1000
−0.1
−1
−10
−100
100
−2.5 V
VGS = −4.5 V
−1.8 V
Common source
Ta
= 25°C
Pulse test
30
300
−0.3
−3
−30


Numéro de pièce similaire - TPC6104

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPC6104 TOSHIBA-TPC6104 Datasheet
239Kb / 7P
   Notebook PC Applications Portable Equipment Applications
logo
VBsemi Electronics Co.,...
TPC6104 VBSEMI-TPC6104 Datasheet
456Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Toshiba Semiconductor
TPC6104 TOSHIBA-TPC6104_06 Datasheet
239Kb / 7P
   Notebook PC Applications Portable Equipment Applications
More results

Description similaire - TPC6104

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCS8303 TOSHIBA-TPCS8303 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPC8107 TOSHIBA-TPC8107 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
2SJ681 TOSHIBA-2SJ681 Datasheet
253Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
2SJ681 TOSHIBA-2SJ681_09 Datasheet
160Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6005 TOSHIBA-TPC6005 Datasheet
188Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com