Moteur de recherche de fiches techniques de composants électroniques |
|
SB1640FCT Fiches technique(PDF) 1 Page - Formosa MS |
|
SB1640FCT Fiches technique(HTML) 1 Page - Formosa MS |
1 / 2 page PAGE . 1 DATA SHEET FEATURES • Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. • Exceeds environmental standards of MIL- S-19500/228 • Low power loss, high efficiency. • Low forwrd voltge, high current capability • High surge capacity. • For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. SB1620FCT~SB16100FCT ISOLATION SCHOTTKY BARRIER RECTIFIERS ITO-220AB Unit : inch (mm) .189(4.8) .406(10.3) .130(3.3) .114(2.9) .071(1.8) .055(1.4) .035(0.9) .011(0.3) (2.55) (2.55) Positive CT AC AC .1 .1 .032(.8) .134(3.4) .165(4.2) .381(9.7) .114(2.9) .098(2.5) .055(1.4) .039(1.0) MAX .118(3.0) VOLTAGE 20 to 100 Volts 16 Amperes CURRENT MECHANICALDATA Case: ITO-220AB molded plastic package Terminals: Lead solderable per MIL-STD-202, Method 208 Polarity: As marked. Mounting Position: Any Weight: 0.08 ounces, 2.24 grams. MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% R E T E M A R A PL O B M Y S T C F 0 2 6 1 B ST C F 0 3 6 1 B ST C F 0 4 6 1 B ST C F 0 5 6 1 B ST C F 0 6 6 1 B ST C F 0 8 6 1 B ST C F 0 0 1 6 1 B S S T I N U e g a tl o V e s r e v e R k a e P t n e r r u c e R m u m i x a M VRRM 0 20 30 40 50 60 80 0 1V e g a tl o V S M R m u m i x a M VRMS 4 11 28 25 32 46 50 7V e g a tl o V g n i k c o l B C D m u m i x a M VDC 0 20 30 40 50 60 80 0 1V ) m m 5 . 9 ( " 5 7 3 . t n e r r u C d r a w r o F e g a r e v A m u m i x a M T t a h t g n e l d a e lc 0 9 = OC IAV 6 1A e v a w - e n i s fl a h e l g n i s s m 3 . 8 : t n e r r u C e g r u S d r a w r o F k a e P ) d o h t e m C E D E J ( d a o l d e t a r n o d e s o p m ir e p u s IFSM 0 5 1A g e l r e p A 0 . 8 t a e g a tl o V d r a w r o F m u m i x a M VF 5 5 . 05 7 . 05 8 . 0V T e g a tl o V g n i k c o l B C D d e t a R t a t n e r r u C e s r e v e R C D m u m i x a M A 5 2 = OC g a tl o V g n i k c o l B C D d e t a R t a t n e r r u C e s r e v e R C D m u m i x a MTA 0 0 1 = OC IR 5 . 0 0 0 1 A m c n a t s i s e R l a m r e h T l a c i p y Te R θ C J0 . 2 O W / C e g n a R e r u t a r e p m e T e g a r o t S d n a n o it c n u J g n it a r e p O TJ T , STG 5 2 1 + O T 0 5 - OC Formosa MS |
Numéro de pièce similaire - SB1640FCT |
|
Description similaire - SB1640FCT |