Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74VHCT240ADW Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC74VHCT240ADW
Description  Octal Bus Buffer/Line Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT240ADW Fiches technique(HTML) 2 Page - ON Semiconductor

  MC74VHCT240ADW Datasheet HTML 1Page - ON Semiconductor MC74VHCT240ADW Datasheet HTML 2Page - ON Semiconductor MC74VHCT240ADW Datasheet HTML 3Page - ON Semiconductor MC74VHCT240ADW Datasheet HTML 4Page - ON Semiconductor MC74VHCT240ADW Datasheet HTML 5Page - ON Semiconductor MC74VHCT240ADW Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74VHCT240A
MOTOROLA
VHC Data – Advanced CMOS Logic
DL203 — Rev 1
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
– 0.5 to + 7.0
V
Vin
DC Input Voltage
– 0.5 to + 7.0
V
Vout
DC Output Voltage
Output in 3–State
High or Low State
– 0.5 to + 7.0
– 0.5 to VCC + 0.5
V
IIK
Input Diode Current
– 20
mA
IOK
Output Diode Current (VOUT < GND; VOUT > VCC)
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 75
mA
PD
Power Dissipation in Still Air,
SOIC Packages†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
* Absolute maximum continuous ratings are those values beyond which damage to the device
may occur. Exposure to these conditions or conditions beyond those indicated may adversely
affect device reliability. Functional operation under absolute–maximum–rated conditions is not
implied.
†Derating — SOIC Packages: – 7 mW/
_C from 65_ to 125_C
TSSOP Package: – 6.1 mW/
_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
4.5
5.5
V
Vin
DC Input Voltage
0
5.5
V
Vout
DC Output Voltage
Output in 3–State
High or Low State
0
0
5.5
VCC
V
TA
Operating Temperature
– 40
+ 85
_C
tr, tf
Input Rise and Fall Time
VCC =5.0V ±0.5V
0
20
ns/V
DC ELECTRICAL CHARACTERISTICS
Sb l
P
T
C
di i
VCC
TA = 25°C
TA = – 40 to 85°C
Ui
Symbol
Parameter
Test Conditions
VCC
V
Min
Typ
Max
Min
Max
Unit
VIH
Minimum High–Level
Input Voltage
4.5 to
5.5
2.0
2.0
V
VIL
Maximum Low–Level
Input Voltage
4.5 to
5.5
0.8
0.8
V
VOH
Minimum High–Level
Output Voltage
IOH = – 50µA
4.5
4.4
4.5
4.4
V
Output Voltage
Vin = VIH or VIL
IOH = – 8mA
4.5
3.94
3.80
VOL
Maximum Low–Level
Output Voltage
IOL = 50µA
4.5
0.0
0.1
0.1
V
Output Voltage
Vin = VIH or VIL
IOL = 8mA
4.5
0.36
0.44
Iin
Maximum Input
Leakage Current
Vin = 5.5 V or GND
0 to 5.5
± 0.1
± 1.0
µA
IOZ
Maximum 3–State
Leakage Current
Vin = VIL or VIH
Vout = VCC or GND
5.5
± 0.25
± 2.5
µA
ICC
Maximum Quiescent
Supply Current
Vin = VCC or GND
5.5
4.0
40.0
µA
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high–impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Numéro de pièce similaire - MC74VHCT240ADW

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74VHCT240ADWRG ONSEMI-MC74VHCT240ADWRG Datasheet
146Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3?뭆tate Outputs
May, 2011 ??Rev. 6
MC74VHCT240ADWRG ONSEMI-MC74VHCT240ADWRG Datasheet
99Kb / 6P
   Octal Bus Buffer/Line Driver
October, 2014 ??Rev. 7
More results

Description similaire - MC74VHCT240ADW

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74VHC240 ONSEMI-MC74VHC240 Datasheet
173Kb / 6P
   Octal Bus Buffer/Line Driver
1997 REV 0
MC74VHCT240A ONSEMI-MC74VHCT240A_15 Datasheet
99Kb / 6P
   Octal Bus Buffer/Line Driver
October, 2014 ??Rev. 7
MC74VHC245 ONSEMI-MC74VHC245_11 Datasheet
136Kb / 8P
   Octal Bus Buffer/Line Driver
May, 2011 ??Rev. 6
logo
Diodes Incorporated
74LVCH244A DIODES-74LVCH244A Datasheet
469Kb / 10P
   OCTAL BUFFER/LINE DRIVER WITH BUS HOLD
logo
ON Semiconductor
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
74VHCT245A ONSEMI-74VHCT245A Datasheet
240Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT244A ONSEMI-74VHCT244A Datasheet
237Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT541A ONSEMI-74VHCT541A Datasheet
204Kb / 9P
   Octal Buffer/Line Driver
Revised April 2005
74VHC244 ONSEMI-74VHC244 Datasheet
205Kb / 10P
   Octal Buffer/Line Driver
Revised April 2005
74AC541 ONSEMI-74AC541 Datasheet
349Kb / 13P
   Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com