Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CH5001A Datasheet(Fiches technique) 5 Page - List of Unclassifed Manufacturers

Numéro de pièce CH5001A
Description  CMOS COLOR DIGITAL VIDEO CAMERA
Télécharger  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo 

 
 5 page
background image
CHRONTEL
CH5001A
201-0000-032 Rev 3.0, 6/2/99
5
Pin
Type
Symbol
Description
40, 46, 51
Power
AVDD
Analog Supply Voltage
Supplies the 5V power to the analog section of the CH5001.
41
Out
VREF
Voltage Reference
VREF provides a 1.235V reference. A 0.01
µF decoupling capacitor
should be connected between VREF and AGND.
37, 43, 48
Power
AGND
Analog Ground
These pins provide the ground reference for the analog section of
CH5001. Pins must be connected to the system ground to prevent
latchup.
42
Out
CRF
Column Filter
CRF provides a 2.5 V reference. A
0.1
µF decoupling capacitor should
be connected between CRF and AGND.
49, 50
In/Out
TOUT, TOUTB
Test Mode I/O Pins
For test purposes only. Should be NC.
44, 45
Out
ARF2, ARF
Array Filters
A 0.1uF decoupling capacitors should be connected between each of
the pins and AGND.
47
Out
VRS
Array Bias Filter
VRS provides a 2.1V reference. A
0.1
µF decoupling capacitor should
be connected between VRS and AGND.
1
In
MONO
Monochrome (active high, internal pulldown)
Digital pin to select Color / Monochrome operation.
1= Monochrome
0=Color
35
In
PDP*
Power Down Pin (active low, internal pullup)
0 = power down
52
Out
CMB2
Bias Filter
A 0.1
µF decoupling capacitor should be connected between CMB2 and
AGND.
31-25
In
PUD[5:0]*
PUD[6]
Power Up Detect (internal pull-up)
These pins are shared with the C[6:0] chrominance output function. At
power-up they are inputs controlling the default value of IIC register bits
M0, ADDO, PD, ASW[3:0]. Attach 100K Ohms to DGND to pull low.
NOTE: PUD[5:0]* are logically inverted
Table 1. Pin Descriptions




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
OV6630SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CH5101ACMOS Monochrome Digital Video Camera 1 2 3 4 5 MoreList of Unclassifed Manufacturers
OV7620OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LQ064V1DS11Color TFT-LCD Module LCD TV/Digital still camera 1 Sharp Electrionic Components
ICX058CKDiagonal 6mm Type 1/3 CCD Image Sensor for NTSC Color Video Camera 1 2 3 4 5 MoreSony Corporation
BD6300KU3 in 1 Motor Driver for Digital Video Camera 1 2 3 4 5 MoreRohm
MN67621FColor Video Camera Synchronizing Signal Generator LSI 1 2 3 4 5 MorePanasonic Semiconductor
LQ4FN31Color TFT-LCD Module for AV/Car Navigation LCD TV/Digital still camera/LCD camcorder 1 Sharp Electrionic Components
KS7332KS7332 is a digital image signal handling IC aimed at improving image contrast and counter light correction applicable to CCD-using video camera syst 1 2 3 4 5 MoreSamsung semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl