Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CH5001A Fiches technique(PDF) 28 Page - List of Unclassifed Manufacturers

No de pièce CH5001A
Description  CMOS COLOR DIGITAL VIDEO CAMERA
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CH5001A Fiches technique(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button CH5001A Datasheet HTML 24Page - List of Unclassifed Manufacturers CH5001A Datasheet HTML 25Page - List of Unclassifed Manufacturers CH5001A Datasheet HTML 26Page - List of Unclassifed Manufacturers CH5001A Datasheet HTML 27Page - List of Unclassifed Manufacturers CH5001A Datasheet HTML 28Page - List of Unclassifed Manufacturers CH5001A Datasheet HTML 29Page - List of Unclassifed Manufacturers CH5001A Datasheet HTML 30Page - List of Unclassifed Manufacturers CH5001A Datasheet HTML 31Page - List of Unclassifed Manufacturers CH5001A Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
28
201-0000-032 Rev 3.0, 6/2/99
CHRONTEL
CH5001A
Address:1Dh
Bits:8
Bits 0-2 of the ASE register control the speed of the auto-shutter loop. Values of 0-4 are valid.
Bits 3-4 of the ASE register are reserved, and should be left at their default value.
Bit 5 of the ASE register enables the autoshutter algorithm to adjust the gain of the programmable sample and hold.
A 1 in this location allows the autoshutter algorithm to control this gain. A zero in this location disables the
autoshutter algorithm from controlling this value, and allows bits 2-0 of register PSHG (17H) to control the gain.
Bit 6 of the ASE register enables the autoshutter algorithm to adjust the black level (bias) of the readout signal prior
to A/D conversion. A 1 in this location allows the autoshutter algorithm to control the black level. A 0 in this
location disables the autoshutter algorithm from controlling this value and allows bits 7-0 of register BCLMP (18H)
to control the black level.
Bit 7 of the ASE register enables the autoshutter algorithm to adjust the shutter duration. A 1 in this location allows
the autoshutter algorithm to control the shutter. A zero in this location disables the autoshutter algorithm from
controlling this value and allows registers ESLE, ESLH and ESLL to control the shutter duration.
Auto-Shutter Window / Input Control
Symbol:ASW
Address:1Eh
Bits:7
Bits 0, 1, 2 and 3 of the ASW register determine the active window that is used to operate the autoshutter algorithm.
There are 16 possible windows, which are shown in Figure 11. The default value of these bits can be set using the
PUD [3:0] inputs. This allows the backlight compensation window to be set without using IIC control.
Bit 4 of the ASW register enables the selected window to be highlighted in the image which is output from the
CH5001. All image outside of the window will be reduced in amplitude.
Bits 5 and 6 of the ASW register determine which data is input to the autoshutter algorithm, according to Table 13.
Figure 11: ASW Register Possible Windows
BIT:
7
6
5
4
3
2
1
0
SYMBOL:
ASSE
ASBE
ASGE
Reserved
Reserved
ASSPD2
ASSPD1
ASSPD0
TYPE:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DEFAULT:
1
1
1
0
0
1
0
0
BIT:
7
6
5
4
3
2
1
0
SYMBOL:
ASME
ASCSC
ASWD
ASW3
ASW2
ASW1
ASW0
TYPE:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DEFAULT:
1
0
0
PUD3*
PUD2*
PUD1*
PUD0*
0
1
2
3
4
6
8
5
7
9
13
14
15


Numéro de pièce similaire - CH5001A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CH5008 ETC-CH5008 Datasheet
133Kb / 2P
   Octal E1 Short Haul Line Interface Unit
Rev1.0, March,2005
CH5008 ETC-CH5008 Datasheet
115Kb / 2P
   STM-1 Single Chip Add/Drop Multiplexer System device
Rev1.0 March, 2005
CH5008 ETC-CH5008 Datasheet
148Kb / 3P
   21 Channel E1/T1 Mapper
Rev1.0 March, 2005
logo
Chenmko Enterprise Co. ...
CH500H-40PT CHENMKO-CH500H-40PT Datasheet
74Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 45 Volts CURRENT 0.1 Ampere
More results

Description similaire - CH5001A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CH5101A ETC1-CH5101A Datasheet
132Kb / 32P
   CMOS Monochrome Digital Video Camera
OV6620 ETC-OV6620 Datasheet
341Kb / 31P
   SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
OV6630 ETC-OV6630 Datasheet
206Kb / 29P
   SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
logo
A1 PROs co., Ltd.
AI3152 A1PROS-AI3152 Datasheet
138Kb / 9P
   the digital signal-processing chip for color video camera
logo
List of Unclassifed Man...
OV7620 ETC-OV7620 Datasheet
313Kb / 60P
   OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
logo
Integrated Circuit Syst...
ICS421-05 ICST-ICS421-05 Datasheet
144Kb / 5P
   DIGITAL VIDEO CAMERA CLOCK
logo
List of Unclassifed Man...
TP6800 ETC1-TP6800 Datasheet
475Kb / 33P
   DIGITAL VIDEO CAMERA CONTROLLER
logo
Panasonic Semiconductor
MN67621F PANASONIC-MN67621F Datasheet
69Kb / 11P
   Color Video Camera Synchronizing Signal Generator LSI
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
   Colour Digital Video Camera Decoder IC
logo
List of Unclassifed Man...
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com