Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT5519 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce AT5519
Description  Preliminary Product Information Dual Full-Bridge Stepper Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

AT5519 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  AT5519 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT5519 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT5519 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT5519 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT5519 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT5519 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT5519 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT5519 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT5519 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AT5519
Preliminary Product Information
Dual Full-Bridge Stepper Motor Driver
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
2
Pin Configuration
Pin Description
Symbol
Pin
No.
Descript
Symbol
Pin
No.
Descript
OUT
1A
1
Output Connection
VCC
13
Power supply input for Logic
circuitry
OUT
2A
2
Output Connection
RC
1
14
OFF time setting
SENSE
2
3
Current
Sense
Resistor
Connection
VREF
1
15
Reference voltage of the
comparator
COMP
IN
2
4
Input
Connected
to
the
Comparator
PHASE
1
16
Current Flow input
OUT
2B
5
Output Connection
I
11
17
Current Level
input of
PWM1
GND
6Ground
GND
18
Ground
GND
7Ground
GND
19
Ground
I
02
8
Current Level
input of
PWM2
I
01
20
Current Level
input of
PWM1
I
12
9
Current Level
input of
PWM2
OUT
1B
21
Output Connection
PHASE
2
10 Current Flow input
COMP
IN
1
22
Input
Connected
to
the
Comparator
VREF
2
11 Reference voltage of the
comparator
SENSE
1
23
Current
Sense
Resistor
Connection
RC
2
12 OFF time setting
VBB
24
Power supply input for Load
circuitry


Numéro de pièce similaire - AT5519

FabricantNo de pièceFiches techniqueDescription
logo
Aimtron Technology
AT5510 AIMTRON-AT5510 Datasheet
208Kb / 12P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
AT5510G-PBF AIMTRON-AT5510G-PBF Datasheet
208Kb / 12P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
AT5510N-GRE AIMTRON-AT5510N-GRE Datasheet
208Kb / 12P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Global Mixed-mode Techn...
AT5517 GMT-AT5517 Datasheet
87Kb / 1P
   Integrated Power Solution for TFT-LCD
More results

Description similaire - AT5519

FabricantNo de pièceFiches techniqueDescription
logo
Shindengen Electric Mfg...
MTD2006GE SHINDENGEN-MTD2006GE Datasheet
107Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2018GE SHINDENGEN-MTD2018GE Datasheet
120Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2006G SHINDENGEN-MTD2006G Datasheet
107Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2003BE SHINDENGEN-MTD2003BE Datasheet
57Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2003G SHINDENGEN-MTD2003G Datasheet
103Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2017FE SHINDENGEN-MTD2017FE Datasheet
91Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2017GE SHINDENGEN-MTD2017GE Datasheet
120Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2003GE SHINDENGEN-MTD2003GE Datasheet
103Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2003SE SHINDENGEN-MTD2003SE Datasheet
215Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2018FE SHINDENGEN-MTD2018FE Datasheet
91Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com