Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HI-7152 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce HI-7152
Description  10-Bit High Speed A/D Converter with Track and Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-7152 Fiches technique(HTML) 5 Page - Intersil Corporation

  HI-7152 Datasheet HTML 1Page - Intersil Corporation HI-7152 Datasheet HTML 2Page - Intersil Corporation HI-7152 Datasheet HTML 3Page - Intersil Corporation HI-7152 Datasheet HTML 4Page - Intersil Corporation HI-7152 Datasheet HTML 5Page - Intersil Corporation HI-7152 Datasheet HTML 6Page - Intersil Corporation HI-7152 Datasheet HTML 7Page - Intersil Corporation HI-7152 Datasheet HTML 8Page - Intersil Corporation HI-7152 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
6-5
TRACK AND HOLD (See Text)
Slew Rate
SR
FIN = 100kHz
-
9
-
-
-
-
-
V/
µs
Bandwidth
BW
-
1.5
-
-
-
-
-
MHz
Aperture Time
-
30
-
-
-
-
-
ns
Aperture Uncertainty
-
2
-
-
-
-
-
ns
Feedthrough in HOLD
-
-80
-
-
-
-
-
dB
Acquisition Time
-
1.5
-
-
-
-
-
µs
LOGIC INPUTS
Input High Voltage
VIH
VIN = 0V, V+
2.0
-
-
2.0
-
2.0
-
V
Input Low Voltage
VIL
-
-
0.8
-
0.8
-
0.8
V
Logic Input Current
IIL
-0.05
1
-
1
-
1
µA
Input Capacitance (Note 6)
CIN
-5
17
-
-
-
-
pF
LOGIC OUTPUTS
Output High Voltage
VOH
IOH = -200µA
2.4
-
-
2.4
-
2.4
-
V
Output Low Voltage
VOL
IOL = 1.6mA
-
-
0.4
-
0.4
-
0.4
V
Output Leakage Current
IOL
RD = V+, VOUT = V+
-
0.04
1
-
10
-
10
µA
RD = V+, VOUT = 0V
-1
-0.01
-
-10
-
-10
-
µA
Output Capacitance (Note 6)
COUT
High-Z State
-
7
15
-
-
-
-
pF
POWER SUPPLY VOLTAGE RANGE
(Note 8)
V+
Function Operation
Only
4.5
5.0
5.5
4.5
5.5
4.5
5.5
V
(Note 8)
V-
-4.5
-5.0
-5.5
-4.5
-5.5
-4.5
-5.5
V
POWER SUPPLY REJECTION
V+, V- Gain Coefficient
eGVS
V+ = 5V, V- = -4.75V,
-5.25V
-
±0.1
±0.05
-
±0.6
-
±0.6
LSB
V- = -5V, V+ = 4.75V,
5.25V
-
±0.1
±0.5
-
±0.6
-
±0.6
LSB
V+, V- Offset Coefficient
VOSVS
V+ = 5V, V- = -4.75V,
-5.25V
-
±0.1
±0.5
-
±0.6
-
±0.6
LSB
V- = -5V, V+ = 4.75V,
5.25V
-
±0.1
±0.5
-
±0.6
-
±0.6
LSB
SUPPLY CURRENTS
V+ Supply Current
I+
V+ = 5V
±10%
V- = -5V
±10%
VIN = 0V, Digital
Outputs are
Unloaded
-20
30
-
30
-
30
mA
V- Supply Current
I-
-
-10
-15
-
-15
-
-15
mA
GND Current
IGND
-
-8
-
-
-
-
-
mA
DG Current
IDG
-
-2
-
-
-
-
-
mA
AG Current
IAG
-
0.02
-
-
-
-
-
µA
NOTES:
5. FSR (Full Scale Range) = 2 X VREF (5V at VREF = 2.5V). LSB (Least Significant Bit) = FSR/1024 (4.88mV at VREF = 2.5V).
6. Parameter not tested. Parameter guaranteed by design, simulation, or characterization.
7. Only VOS and GAIN ERROR functionality tested at 2.2V and 2.6V.
8. Guaranteed by functionality test.
DC Electrical Specifications V+ = 5V, V- = -5V, VREF = 2.50V, TA = 25oC, fCLK = 600kHz, 50% Duty Cycle,
Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
(NOTE 5)
TEST CONDITION
25oC0oC to 75oC-40oC to 85oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HI-7152


Numéro de pièce similaire - HI-7152

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HI-7151 INTERSIL-HI-7151 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI-7153 INTERSIL-HI-7153 Datasheet
977Kb / 17P
   8-Channel, 10-Bit High Speed Sampling A/D Converter
HI-7159A INTERSIL-HI-7159A Datasheet
210Kb / 14P
   Microprocessor-Compatible, 5-1/2 Digit A/D Converter
January 1999
logo
Renesas Technology Corp
HI-7159A RENESAS-HI-7159A Datasheet
703Kb / 14P
   Microprocessor-Compatible, 5-1/2 Digit A/D Converter
More results

Description similaire - HI-7152

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HI-7151 INTERSIL-HI-7151 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
National Semiconductor ...
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
   10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Maxim Integrated Produc...
MAX150 MAXIM-MAX150 Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N_14 Datasheet
1Mb / 29P
[Old version datasheet]    8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com