Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4035BMS Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce CD4035BMS
Description  CMOS 4 -Stage Parallel In/Parallel Out Shift Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4035BMS Fiches technique(HTML) 4 Page - Intersil Corporation

  CD4035BMS Datasheet HTML 1Page - Intersil Corporation CD4035BMS Datasheet HTML 2Page - Intersil Corporation CD4035BMS Datasheet HTML 3Page - Intersil Corporation CD4035BMS Datasheet HTML 4Page - Intersil Corporation CD4035BMS Datasheet HTML 5Page - Intersil Corporation CD4035BMS Datasheet HTML 6Page - Intersil Corporation CD4035BMS Datasheet HTML 7Page - Intersil Corporation CD4035BMS Datasheet HTML 8Page - Intersil Corporation CD4035BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
7-854
Specifications CD4035BMS
Input Voltage High
VIH
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
7-
V
Propagation Delay
Clock to Q
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
200
ns
VDD = 15V
1, 2, 3
+25oC
-
150
ns
Propagation Delay
Reset tO Q
TPHL2
TPLH2
VDD = 10V
1, 2, 3
+25oC
-
200
ns
VDD = 15V
1, 2, 3
+25oC
-
160
ns
Transition Time
TTHL
TTLH
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Minimum Reset Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
250
ns
VDD = 10V
1, 2, 3
+25oC
-
110
ns
VDD = 15V
1, 2, 3
+25oC
-
40
ns
Maximum Clock Input
Frequency
FCL
VDD = 10V
1, 2, 3
+25oC
6
-
MHz
VDD = 15V
1, 2, 3
+25oC
8
-
MHz
Maximum Clock Rise and
Fall Time (Note 4)
TRCL
TFCL
VDD = 5V
1, 2, 3
+25oC-
15
µs
VDD = 10V
1, 2, 3
+25oC-
15
µs
VDD = 15V
1, 2, 3
+25oC-
15
µs
Minimum Data Setup
Time
J/K Lines
TS
VDD = 5V
1, 2, 3
+25oC
-
220
ns
VDD = 10V
1, 2, 3
+25oC
-
80
ns
VDD = 15V
1, 2, 3
+25oC
-
60
ns
Minimum Data Setup
Time
Parallel-In Lines
TS
VDD = 5V
1, 2, 3
+25oC
-
140
ns
VDD = 10V
1, 2, 3
+25oC
-
50
ns
VDD = 15V
1, 2, 3
+25oC
-
40
ns
Minimum Clock Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
200
ns
VDD = 10V
1, 2, 3
+25oC
-
90
ns
VDD = 15V
1, 2, 3
+25oC
-
60
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized
on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
4. If more than one unit is cascaded, tRCL should be made less than or equal to the sum of the transition time and the fixed propagation
delay of the output of the driving stage for the estimated capacitive load.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC-
25
µA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
µA
1, 4
+25oC
-2.8
-0.2
V
N Threshold Voltage
Delta
∆VTN
VDD = 10V, ISS = -10
µA
1, 4
+25oC-
±1V
P Threshold Voltage
VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC
0.2
2.8
V
P Threshold Voltage
Delta
∆VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC-
±1V
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX


Numéro de pièce similaire - CD4035BMS

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CD4035BM NSC-CD4035BM Datasheet
139Kb / 6P
   4-Bit Parallel-In/Parallel-Out Shift Register
logo
Texas Instruments
CD4035BM TI-CD4035BM Datasheet
893Kb / 17P
[Old version datasheet]   Parallel In/Parallel Out Shift Refister
CD4035BM TI1-CD4035BM Datasheet
906Kb / 16P
[Old version datasheet]   CMOS 4-stage Paraller in/Paraller Out shift Register
CD4035BM96 TI-CD4035BM96 Datasheet
893Kb / 17P
[Old version datasheet]   Parallel In/Parallel Out Shift Refister
CD4035BM96 TI1-CD4035BM96 Datasheet
906Kb / 16P
[Old version datasheet]   CMOS 4-stage Paraller in/Paraller Out shift Register
More results

Description similaire - CD4035BMS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4035B TI-CD4035B Datasheet
269Kb / 6P
[Old version datasheet]   CMOS 4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
Micro Electronics
MMC4035 MICRO-ELECTRONICS-MMC4035 Datasheet
173Kb / 6P
   4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
STMicroelectronics
HCC4035B STMICROELECTRONICS-HCC4035B Datasheet
296Kb / 14P
   4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
HCF4035B STMICROELECTRONICS-HCF4035B_01 Datasheet
1Mb / 11P
   4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
National Semiconductor ...
CD4035BM NSC-CD4035BM Datasheet
139Kb / 6P
   4-Bit Parallel-In/Parallel-Out Shift Register
logo
Motorola, Inc
MC14035B MOTOROLA-MC14035B Datasheet
224Kb / 6P
   4-Bit Parallel-In/Parallel-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
   Serial-In, Parallel-Out Shift Register
logo
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
   Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com