Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX1266 Fiches technique(PDF) 18 Page - Maxim Integrated Products

No de pièce MAX1266
Description  420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1266 Fiches technique(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1266 Datasheet HTML 11Page - Maxim Integrated Products MAX1266 Datasheet HTML 12Page - Maxim Integrated Products MAX1266 Datasheet HTML 13Page - Maxim Integrated Products MAX1266 Datasheet HTML 14Page - Maxim Integrated Products MAX1266 Datasheet HTML 15Page - Maxim Integrated Products MAX1266 Datasheet HTML 16Page - Maxim Integrated Products MAX1266 Datasheet HTML 17Page - Maxim Integrated Products MAX1266 Datasheet HTML 18Page - Maxim Integrated Products MAX1266 Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
420ksps, +5V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
18
______________________________________________________________________________________
Typical Operating Circuits
VDD
REF
REFADJ
INT
CH5
CH4
CH3
CH2
CH1
CH0
COM
GND
4.7
µF
0.1
µF
+5V
+2.5V
OUTPUT STATUS
µP
CONTROL
INPUTS
CLK
CS
WR
RD
D7
D6
D5
D4
D3
D2
D1
D0
µP DATA BUS
D8
D9
D10
D11
ANALOG
INPUTS
MAX1266
VDD
REF
REFADJ
INT
CH1
CH0
COM
GND
4.7
µF
0.1
µF
+5V
+2.5V
OUTPUT STATUS
µP
CONTROL
INPUTS
CLK
CS
WR
RD
D7
D6
D5
D4
D3
D2
D1
D0
µP DATA BUS
D8
D9
D10
D11
ANALOG
INPUTS
MAX1268
Pin Configurations (continued)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D10
D11
VDD
REF
REFADJ
GND
CS
COM
CH0
CH1
CH2
CH3
CH4
CH5
CLK
WR
RD
INT
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
QSOP
TOP VIEW
MAX1266
Chip Information
TRANSISTOR COUNT: 5781
SUBSTRATE CONNECTED TO GND


Numéro de pièce similaire - MAX1266

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX126 MAXIM-MAX126 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX126 MAXIM-MAX126 Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX126 MAXIM-MAX126 Datasheet
276Kb / 20P
   Complete Evaluation System Samples to 40ksps
Rev 0; 10/97
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1261ACEI MAXIM-MAX1261ACEI Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results

Description similaire - MAX1266

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX1294 MAXIM-MAX1294 Datasheet
226Kb / 20P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1533; Rev 0; 9/99
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com