Moteur de recherche de fiches techniques de composants électroniques |
|
SMBJ10 Fiches technique(PDF) 5 Page - Littelfuse |
|
SMBJ10 Fiches technique(HTML) 5 Page - Littelfuse |
5 / 5 page Silicon Avalanche Diodes 271 www .littelfuse .com 6 Part Number Uni-Polar Device Code Uni-Polar Part Number Bi-Polar Device Code Bi-Polar ‘C’ or ‘CA’ Version Reverse Stand Off Voltage VR (Volts) Breakdown Voltage VBR (Volts) @ IT MIN MAX (mA) Maximum Reverse Leakage IR @ VR (µA) Maximum Clamping Voltage VC @ IPP (Volts) Maximum Peak Pulse Current IPP (A) SMBJ58A SMBJ60 SMBJ60A SMBJ64 SMBJ64A SMBJ70 SMBJ70A SMBJ75 SMBJ75A SMBJ78 SMBJ78A SMBJ85 SMBJ85A SMBJ90 SMBJ90A SMBJ100 SMBJ100A SMBJ110 SMBJ110A SMBJ120 SMBJ120A SMBJ130 SMBJ130A SMBJ150* SMBJ150A* SMBJ160 SMBJ160A SMBJ170 SMBJ170A SMBJ188A NG NH NK NL NM NN NP NQ NR NS NT NU NV NW NX NY NZ PD PE PF PG PH PK PL PM PN PP PQ PR PS SMBJ58CA SMBJ60C SMBJ60CA SMBJ64C SMBJ64CA SMBJ70C SMBJ70CA SMBJ75C SMBJ75CA SMBJ78C SMBJ78CA SMBJ85C SMBJ85CA SMBJ90C SMBJ90CA SMBJ100C SMBJ100CA SMBJ110C SMBJ110CA SMBJ120C SMBJ120CA SMBJ130C SMBJ130CA SMBJ150C SMBJ150CA SMBJ160C SMBJ160CA SMBJ170C* SMBJ170CA SMBJ188CA DG DH DK DL DM DN DP DQ DR DS DT DU DV DW DX DY DZ ED EE EF EG EH EK EL EM EN EP EQ ER ES 58.0 60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100.0 100.0 110.0 110.0 120.0 120.0 130.0 130.0 150.0 150.0 160.0 160.0 170.0 170.0 188.0 64.40 66.70 66.70 71.10 71.10 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00 133.00 133.00 144.00 144.00 167.00 167.00 178.00 178.00 189.00 189.00 209.00 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0 328.0 6.4 5.6 6.2 5.3 5.8 4.8 5.3 4.5 4.9 4.3 4.7 3.9 4.4 3.8 4.1 3.4 3.7 3.0 3.4 2.8 3.1 2.6 2.9 2.2 2.5 2.1 2.3 2.0 2.2 2.0 SMBJ Series ELECTRICAL SPECIFICATION @ Tamb 25°C Note: Non ‘A’ devices have higher clamping voltage. Add suffix ‘C’ to denote bi-polar devices. VBR max not quoted. 1. For Bi-directional devices having VR of 10 volts and below, the IR limit is doubled. 2. For Uni-directional devices VF = 3.5 Volts max at IF = 50A, 300 µS square wave pulse. * Preferred voltages. 600W Surface Mount Transient Voltage Supressors ® |
Numéro de pièce similaire - SMBJ10 |
|
Description similaire - SMBJ10 |