Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5272B Fiches technique(PDF) 4 Page - SamHop Microelectronics Corp.

No de pièce SM5272B
Description  3 RF DECODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5272B Fiches technique(HTML) 4 Page - SamHop Microelectronics Corp.

  SM5272B Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5272B Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5272B Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5272B Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5272B Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5272B Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5272B Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5272B Datasheet HTML 8Page - SamHop Microelectronics Corp. SM5272B Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1
2
3
4
5
6
7
A0
A1
A2
A3
A4
A5
A6/D5
I
I
I
I
I
I / O
Address input, each pin can be set to "0",
"1" , or floating.
Address input or data output.
Address input or data output.
8
9
10
A7/D4
Vss
A8/D3
I / O
POWER
I / O
11
12
A9/D2
A10/D1
I / O
I / O
13
A11/D0
I / O
14
DIN
I
Receive from Rf module.
Page 4
OCT. 26, 2001
I
15
OSC1
Resistor connected between these two pins
determine the system clock.
16
OSC2
17
VT
Valid transmission indication.
18
VDD
Positive power supply.
I
O
O
POWER
PIN FUNCTION
No.
Pin Name
I/O
Function
Negative power supply.
SM5272B
312 RF DECODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Numéro de pièce similaire - SM5272B

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
   Rectifier Diodes
logo
AiT Semiconductor Inc.
SM5200A AITSEMI-SM5200A Datasheet
486Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
SeCoS Halbleitertechnol...
SM5200AF SECOS-SM5200AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SM5200AF FS-SM5200AF Datasheet
215Kb / 3P
   5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
logo
AiT Semiconductor Inc.
SM5200AF AITSEMI-SM5200AF Datasheet
416Kb / 5P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
More results

Description similaire - SM5272B

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
SM5038RF SAMHOP-SM5038RF Datasheet
40Kb / 8P
   RF DECODER
logo
ELAN Microelectronics C...
EKK6111 EMC-EKK6111 Datasheet
236Kb / 26P
   RF Keyboard Decoder
logo
rfsolutions.ltd
HIRK-315 RFSOLUTIONS-HIRK-315 Datasheet
172Kb / 10P
   RF RECEIVER DECODER HYBRID
AM-HIRK RFSOLUTIONS-AM-HIRK Datasheet
55Kb / 4P
   RF RECEIVER DECODER HYBRID.
logo
THOR communications
H-IRD-V3 THOR-H-IRD-V3 Datasheet
640Kb / 1P
   Decoder for ASI, IP, RF
logo
rfsolutions.ltd
RF600D RFSOLUTIONS-RF600D Datasheet
430Kb / 24P
   RF / IR Encoder / Decoder Chipset RF Evaluation Boards
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A_06 Datasheet
103Kb / 7P
   3?뭪o?? Line Decoder
January, 2006 ??Rev. 3
logo
List of Unclassifed Man...
SD7062 ETC1-SD7062 Datasheet
3Mb / 9P
   3-STATE ENCODER / DECODER
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com