Moteur de recherche de fiches techniques de composants électroniques |
|
Q2006NH4 Fiches technique(PDF) 5 Page - Littelfuse |
|
Q2006NH4 Fiches technique(HTML) 5 Page - Littelfuse |
5 / 10 page Data Sheets Alternistor Triacs ©2004 Littelfuse, Inc. E4 - 5 http://www.littelfuse.com Thyristor Product Catalog +1 972-580-7777 General Notes • All measurements are made at 60 Hz with a resistive load at an ambient temperature of +25 °C unless specified otherwise. • Operating temperature range (TJ) is -40 °C to +125 °C. • Storage temperature range (TS) is -40 °C to +125 °C. • Lead solder temperature is a maximum of 230 °C for 10 seconds maximum ≥1/16" (1.59 mm) from case. • The case temperature (TC) is measured as shown in the dimen- sional outline drawings. See “Package Dimensions” section. Electrical Specification Notes (1) For either polarity of MT2 with reference to MT1 terminal (2) For either polarity of gate voltage (VGT) with reference to MT1 terminal (3) See Gate Characteristics and Definition of Quadrants. (4) See Figure E4.1 through Figure E4.4 for current rating at specific operating temperature and Figure 4.16 for free air rating (no heat sink). (5) See Figure E4.5 and Figure E4.6 for iT and vT. (6) See Figure E4.7 for VGT versus TC. (7) See Figure E4.8 for IGT versus TC. (8) See Figure E4.9 for IH versus TC. (9) See Figure E4.10 and Figure E4.11 for surge rating with specific durations. IDRM VGT VTM IH IGTM PGM PG(AV) ITSM dv/dt(c) dv/dt tgt I2t di/dt (1) (18) mAmps (2) (6) (15) (17) (20) Volts (1) (5) Volts (1) (8) (12) mAmps (14) Amps (14) Watts Watts (9) (13) Amps (1) (4) (13) Volts/µSec (1) Volts/ µSec (10) µSec Amps2Sec (19) Amps/µSec TC = 25 °C TC = 100 °C TC = 125 °C TC = 25 °C TC = 25 °C 60/50 Hz TC = 100 °C TC = 125 °C MAX MAX MAX MAX MIN MIN TYP 0.05 0.5 2 1.5 1.6 35 2 20 0.5 200/167 20 500 400 3 166 100 0.05 0.5 2 1.5 1.6 35 2 20 0.5 200/167 20 400 350 3 166 100 0.05 0.5 2 1.5 1.6 35 2 20 0.5 200/167 20 300 250 3 166 100 0.1 1 3 1.5 1.6 35 2 20 0.5 200/167 20 275 200 3 166 100 0.1 3 1.5 1.6 35 2 20 0.5 200/167 20 200 3 166 100 0.05 0.5 2 2 1.6 50 2 20 0.5 200/167 25 650 500 3 166 100 0.05 0.5 2 2 1.6 50 2 20 0.5 200/167 25 600 475 3 166 100 0.05 0.5 2 2 1.6 50 2 20 0.5 200/167 25 500 400 3 166 100 0.1 1 3 2 1.6 50 2 20 0.5 200/167 25 425 350 3 166 100 0.1 3 2 1.6 50 2 20 0.5 200/167 25 300 3 166 100 0.05 0.5 2 2.5 1.6 70 2 20 0.5 200/167 30 1090 925 5 166 100 0.05 0.5 2 2.5 1.6 70 2 20 0.5 200/167 30 1090 925 5 166 100 0.05 0.5 2 2.5 1.6 70 2 20 0.5 200/167 30 1000 850 5 166 100 0.1 1 3 2.5 1.6 70 2 20 0.5 200/167 30 700 475 5 166 100 0.1 3 2.5 1.6 70 2 20 0.5 200/167 30 350 5 166 100 0.05 0.5 2 2.5 1.8 100 2 20 0.5 250/208 30 875 600 5 259 100 0.05 0.5 2 2.5 1.8 100 2 20 0.5 250/208 30 875 600 5 259 100 0.05 0.5 2 2.5 1.8 100 2 20 0.5 250/208 30 800 520 5 259 100 0.1 1 3 2.5 1.8 100 2 20 0.5 250/208 30 700 475 5 259 100 0.1 3 2.5 1.8 100 2 20 0.5 250/208 30 400 5 259 100 0.05 0.5 2 2 1.4 75 2 20 0.5 350/290 20 650 500 3 508 100 0.05 0.5 2 2 1.4 75 2 20 0.5 350/290 20 600 475 3 508 100 0.05 0.5 2 2 1.4 75 2 20 0.5 350/290 20 500 400 3 508 100 0.05 0.5 2 2 1.5 75 2 20 0.5 350/290 20 650 500 3 508 100 0.05 0.5 2 2 1.5 75 2 20 0.5 350/290 20 600 475 3 508 100 0.05 0.5 2 2 1.5 75 2 20 0.5 350/290 20 500 400 3 508 100 0.2 2 5 2.5 1.8 120 4 40 0.8 400/335 50 1100 700 5 664 150 0.2 2 5 2.5 1.8 120 4 40 0.8 400/335 50 1100 700 5 664 150 0.2 2 5 2.5 1.8 120 4 40 0.8 400/335 50 1000 625 5 664 150 0.2 2 5 2.5 1.8 120 4 40 0.8 400/335 50 900 575 5 664 150 0.2 5 2.5 1.8 120 4 40 0.8 400/335 50 500 5 664 150 |
Numéro de pièce similaire - Q2006NH4 |
|
Description similaire - Q2006NH4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |