Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NBLVEP16VR Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce NBLVEP16VR
Description  2.5V/3.3V/5V ECL Differential Receiver/Driver with Oscillator Gain Stage and Enabled High Gain Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBLVEP16VR Fiches technique(HTML) 3 Page - ON Semiconductor

  NBLVEP16VR Datasheet HTML 1Page - ON Semiconductor NBLVEP16VR Datasheet HTML 2Page - ON Semiconductor NBLVEP16VR Datasheet HTML 3Page - ON Semiconductor NBLVEP16VR Datasheet HTML 4Page - ON Semiconductor NBLVEP16VR Datasheet HTML 5Page - ON Semiconductor NBLVEP16VR Datasheet HTML 6Page - ON Semiconductor NBLVEP16VR Datasheet HTML 7Page - ON Semiconductor NBLVEP16VR Datasheet HTML 8Page - ON Semiconductor NBLVEP16VR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NBLVEP16VR
http://onsemi.com
3
Q
Figure 3. Pinout Diagram (Top View)
D
D
VBB
OD_MODE
EN
CS_SEL
QHG
VEE
QHG
VEEP
EN_SEL
1
2
3
4
56
78
9
10
11
12
13
14
15
16
VCC
NC
VBB_ADJ
NBLVEP16VR
Q
Exposed Pad
(EP)
Q
Figure 4. Die Map
D
D
VBB
OD_MODE
EN
CS_SEL
QHG
VEE
QHG
VEE
EN_SEL
VCC
NC
VBB_ADJ
NBLVEP16VR
Die: 1.16 x 1.19 mm
Q
NC
VBB
VCC
VEEP
(x)
(y)
Bond Pad: 84
mm Diameter
Table 4. PIN DESCRIPTION
Pin No
Name
I/O
Description
1
OD_MODE*
LVCMOS/LVTTL Input (See Table 3)
Selectable Mode of Output Disabled Level
2
D
ECL / LVPECL Input
Clock / Data Input
3
D
ECL / LVPECL Input
Inverted Clock / Data Input
4
VBB
Reference Voltage Output
Reference Voltage Output
5
EN*
ECL / LVPECL or LVCMOS/LVTTL Input
(see Table 3)
Output Enable Synchronous with D and D
6
VBB_ADJ
Adjust Standard VBB Levels Upward When Tied to VCC for
2.5 V Power Supply. Open for 3.3 V and 5 V Power Supply.
7
VEE
Negative Power Supply
Negative Power Supply
8
VEEP
Open or Tied to VEE (See Table 1) Optional 10mA Current
Source For QHG and QHG
9
EN_SEL
LVCMOS / LVTTL Input (See Table 3)
Input LVEL Selector Pin for EN
10
QHG
ECL / LVPECL Output
Inverted High−Gain Output, Gain > 200
11
QHG
ECL / LVPECL Output
High−Gain Output, Gain > 200
12
CS_SEL
Selects Q and Q Current Source Magnitude (see Table 1),
Open or Tied to VEE or VCC
13
VCC
Positive Power Supply
Positive Power Supply
14
NC
No Connect
No Connect
15
Q
ECL / LVPECL Output
ECL/LVPECL Output for Feedback Loop
16
Q
ECL / LVPECL Output
Inverted ECL/LVPECL Output for Feedback Loop
EP
Power Supply (OPT)
Exposed Pad on Package Bottom Should Only Be Con-
nected to VEE or Left Open
*Pins will default LOW when left open.
†Pin will default HIGH when left open.


Numéro de pièce similaire - NBLVEP16VR

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
NBL15602S KEMET-NBL15602S Datasheet
58Kb / 1P
   KEMET, NBL, Transducers, Single-layer
NBL20602S KEMET-NBL20602S Datasheet
57Kb / 1P
   KEMET, NBL, Transducers, Single-layer
logo
Panasonic Battery Group
NBL414 PANASONICBATTERY-NBL414 Datasheet
26Kb / 1P
   Niobium-Lithium Rechargeable Batteries
logo
Kemet Corporation
NBL45282H-A3 KEMET-NBL45282H-A3 Datasheet
73Kb / 1P
   KEMET, NBL, Transducers, Single-layer
NBL45402H-A KEMET-NBL45402H-A Datasheet
78Kb / 1P
   KEMET, NBL, Transducers, Single-layer
More results

Description similaire - NBLVEP16VR

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC100EP16VB ONSEMI-MC100EP16VB Datasheet
151Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain
December, 2006 ??Rev. 4
MC100EP16VC ONSEMI-MC100EP16VC_06 Datasheet
156Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
December, 2006 ??Rev. 5
MC100EP16VC ONSEMI-MC100EP16VC Datasheet
72Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
September, 2003??Rev. 2
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com