Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSCY Fiches technique(PDF) 1 Page - Littelfuse

No de pièce LSCY
Description  Box Cover Units
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LSCY Fiches technique(HTML) 1 Page - Littelfuse

  LSCY Datasheet HTML 1Page - Littelfuse LSCY Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
152
Fig.
Littelfuse
Box Cover Features
To Be
No.
Part No.
Mounted On:
LSOU
One Edison-Base Fuse Holder
214" Handy Box
1
LSOW
One Edison-Base Fuse Holder
234" Switch Box
LSOX
One Edison-Base Fuse Holder
4" Octagon Box
LSOY
One Edison-Base Fuse Holder
4" Square Box
LSRU
One Edison-Base Fuse Holder
214" Handy Box
and Grounding Receptacle
LSRW
One Edison-Base Fuse Holder
234" Switch Box
and Grounding Receptacle
2
LSRX
One Edison-Base Fuse Holder
4" Octagon Box
and Grounding Receptacle
LSRY
One Edison-Base Fuse Holder
4" Square Box
and Grounding Receptacle
LSSU
One Edison-Base Fuse Holder
214" Handy Box
and Single Pole Switch
LSSW
One Edison-Base Fuse Holder
234" Switch Box
and Single Pole Switch
3
LSSX
One Edison-Base Fuse Holder
4" Octagon Box
and Single Pole Switch
LSSY
One Edison-Base Fuse Holder
4" Square Box
and Single Pole Switch
4
LSOY-B
Two Edison-Base Fuse Holders
4" Square Box
5
LSSY-L
One Edison-Base Fuse Holder
4" Square Box
One Single Pole Switch
and Pilot Light
6
LSSY-RL
One Edison-Base Fuse Holder
4" Square Box
One Grounding Receptacle
One Single Pole Switch and Pilot Light
7
LSCY
Two Edison-Base Fuse Holders
4" Square Box
and Two Single Pole Switches
8
LSKA
Two Edison-Base Fuse Holders
41116" Square Box
One 250V Grounding Receptacle
9
LSTY
Two Edison-Base Fuse Holders
4" Square Box
and One 2-Pole Switch
Box Cover Units
Box cover units provide an economical method
of protecting small motors against overcurrent
damage. For use with Edison-Base plug fuses
(TOO, TLO) or Type S plug fuses (SOO,
SLO) with adapters (SAO).
SPECIFICATIONS
Voltage: 125V
Ampere Rating: 15 Amperes
Approvals: UL Listed


Numéro de pièce similaire - LSCY

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
LSCY LITTELFUSE-LSCY Datasheet
119Kb / 1P
   BOX COVER UNITS
More results

Description similaire - LSCY

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
LSOU LITTELFUSE-LSOU_V01 Datasheet
119Kb / 1P
   BOX COVER UNITS
logo
Cooper Bussmann, Inc.
SRX COOPER-SRX Datasheet
143Kb / 2P
   Box Cover Units for Plug Fuses
logo
Pomona Electronics
2104 POMONA-2104 Datasheet
22Kb / 1P
   Phenolic Box With Cover
2103 POMONA-2103 Datasheet
22Kb / 1P
   Phenolic Box With Cover
2105 POMONA-2105 Datasheet
22Kb / 1P
   Phenolic Box With Cover
2400 POMONA-2400 Datasheet
21Kb / 1P
   Size A Aluminum Box With Cover
2901 POMONA-2901 Datasheet
82Kb / 1P
   Size C Aluminum Box With Cover
3754 POMONA-3754 Datasheet
21Kb / 1P
   Miniature Size Aluminum Box With Cover
2417 POMONA-2417 Datasheet
21Kb / 1P
   Size B Aluminum Box With Cover
2397 POMONA-2397 Datasheet
23Kb / 1P
   Size A Aluminum Box With Cover
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com