Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6006L5 Fiches technique(PDF) 5 Page - Littelfuse

No de pièce L6006L5
Description  Sensitive Triacs (0.8 A to 8 A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6006L5 Fiches technique(HTML) 5 Page - Littelfuse

  L6006L5 Datasheet HTML 1Page - Littelfuse L6006L5 Datasheet HTML 2Page - Littelfuse L6006L5 Datasheet HTML 3Page - Littelfuse L6006L5 Datasheet HTML 4Page - Littelfuse L6006L5 Datasheet HTML 5Page - Littelfuse L6006L5 Datasheet HTML 6Page - Littelfuse L6006L5 Datasheet HTML 7Page - Littelfuse L6006L5 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheets
Sensitive Triacs
©2004 Littelfuse, Inc.
E1 - 5
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Electrical Specification Notes
(1) For either polarity of MT2 with reference to MT1 terminal
(2) For either polarity of gate voltage VGT with reference to MT1
terminal
(3) See Gate Characteristics and Definition of Quadrants.
(4) See Figure E1.4 for iT versus vT.
(5) See Figure E1.6 for VGT versus TC.
(6) See Figure E1.7 for IGT versus TC.
(7) See Figure E1.5 for IH versus TC.
(8) See Figure E1.9 for surge rating and specific duration.
(9) See Figure E1.8 for tgt versus IGT.
(10) See Figure E1.2 and Figure E1.3 for maximum allowable case
temperature at maximum rated current.
(11) See Figure E1.1, Figure E1.2, and Figure E1.3 for TA or TC versus
IT(RMS).
(12) See package outlines for lead form configurations. When ordering
special lead forming, add type number as suffix to part number.
(13) Pulse width
≤10 µs
(14) TC or TL = TJ for test conditions in off state
(15) Minimum non-trigger VGT at 110 °C is 0.2 V.
Gate Characteristics
Teccor triacs may be turned on between gate and MT1 terminals
in the following ways:
In-phase signals (with standard AC line) using Quadrants I
and III
Application of unipolar pulses (gate always positive or nega-
tive), using Quadrants II and III with negative gate pulses and
Quadrants I and IV with positive gate pulses
When maximum surge capability is required, pulses should be a
minimum of one magnitude above IGT rating with a steep rising
waveform (1 µs rise time).
Definition of Quadrants
VTM
VGT
IH
IGTM
PGM
PG(AV)
ITSM
dv/dt(c)
dv/dt
tgt
I2t
di/dt
(1) (4)
Volts
(2) (5) (15)
Volts
(1) (7)
mAmps
(13)
Amps
(13)
Watts
Watts
(8) (10)
Amps
(1) (10)
Volts/µSec
(1)
Volts/µSec
(9)
µSec
Amps2Sec
Amps/µSec
TC = 25 °C
TC = 25 °C
60/50 Hz
TC = 100 °C
MAX
MAX
MAX
TYP
TYP
TYP
1.6
2
10
1.6
18
0.4
60/50
1
40
3
15
70
1.6
2
10
1.6
18
0.4
60/50
1
30
3
15
70
1.6
2
10
1.6
18
0.4
60/50
1
20
3
15
70
1.6
2
10
1.6
18
0.4
60/50
2
40
3
15
70
1.6
2
10
1.6
18
0.4
60/50
2
30
3
15
70
1.6
2
10
1.6
18
0.4
60/50
2
20
3
15
70
1.6
2
20
1.6
18
0.4
60/50
2
45
3.2
15
70
1.6
2
20
1.6
18
0.4
60/50
2
40
3.2
15
70
1.6
2
20
1.6
18
0.4
60/50
2
30
3.2
15
70
1.6
2
10
1.6
18
0.4
80/65
2
40
3
26.5
70
1.6
2
10
1.6
18
0.4
80/65
2
30
3
26.5
70
1.6
2
10
1.6
18
0.4
80/65
2
20
3
26.5
70
1.6
2
20
1.6
18
0.4
80/65
2
45
3.2
26.5
70
1.6
2
20
1.6
18
0.4
80/65
2
40
3.2
26.5
70
1.6
2
20
1.6
18
0.4
80/65
2
30
3.2
26.5
70
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-


Numéro de pièce similaire - L6006L5

FabricantNo de pièceFiches techniqueDescription
logo
Teccor Electronics
L6006L5 TECCOR-L6006L5 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
L6006L5 TECCOR-L6006L5 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6006L5 LITTELFUSE-L6006L5 Datasheet
176Kb / 8P
   Sensitive Triacs
L6006L5 LITTELFUSE-L6006L5 Datasheet
176Kb / 8P
   RoHS Compliant
logo
Inchange Semiconductor ...
L6006L5 ISC-L6006L5 Datasheet
388Kb / 2P
   isc Triacs
More results

Description similaire - L6006L5

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
Q2X8E3 LITTELFUSE-Q2X8E3 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
STMicroelectronics
T810H STMICROELECTRONICS-T810H Datasheet
124Kb / 10P
   High temperature 8 A sensitive TRIACs
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P0109AL-5AA4 STMICROELECTRONICS-P0109AL-5AA4 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
   0.8 A sensitive gate SCRs
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
   0.8 A sensitive gate SCR
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
   Sensitive high immunity SCRs up to 0.8 A
Rev 1 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com