Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L601E8 Fiches technique(PDF) 4 Page - Littelfuse

No de pièce L601E8
Description  Sensitive Triacs (0.8 A to 8 A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L601E8 Fiches technique(HTML) 4 Page - Littelfuse

  L601E8 Datasheet HTML 1Page - Littelfuse L601E8 Datasheet HTML 2Page - Littelfuse L601E8 Datasheet HTML 3Page - Littelfuse L601E8 Datasheet HTML 4Page - Littelfuse L601E8 Datasheet HTML 5Page - Littelfuse L601E8 Datasheet HTML 6Page - Littelfuse L601E8 Datasheet HTML 7Page - Littelfuse L601E8 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Sensitive Triacs
Data Sheets
http://www.littelfuse.com
E1 - 4
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Specified Test Conditions
di/dt — Maximum rate-of-change of on-state current; IGT = 50 mA with
0.1 µs rise time
dv/dt — Critical rate-of-rise of off-state voltage at rated VDRM gate open
dv/dt(c) — Critical rate-of-rise of commutation voltage at rated VDRM
and IT(RMS) commutating di/dt = 0.54 rated IT(RMS)/ms; gate
unenergized
I2t — RMS surge (non-repetitive) on-state current for period of 8.3 ms
for fusing
IDRM — Peak off-state current, gate open; VDRM = max rated value
IGT — DC gate trigger current in specific operating quadrants;
VD = 12 V dc; RL = 60 Ω
IGTM — Peak gate trigger current
IH — Holding current gate open; initial on-state current = 100 mA dc
IT(RMS) — RMS on-state current conduction angle of 360°
ITSM — Peak one-cycle surge
PG(AV) — Average gate power dissipation
PGM — Peak gate power dissipation; IGT ≤ IGTM
tgt — Gate controlled turn-on time; IGT = 50 mA with 0.1 µs rise time
VDRM — Repetitive peak off-state/blocking voltage
VGT — DC gate trigger voltage; VD = 12 V dc; RL = 60 Ω
VTM — Peak on-state voltage at max rated RMS current
General Notes
All measurements are made with 60 Hz resistive load and at an
ambient temperature of +25
°C unless otherwise specified.
Operating temperature range (TJ) is -65 °C to +110 °C for TO-92
devices and -40
°C to +110 °C for all other devices.
Storage temperature range (TS) is -65 °C to +150 °C for TO-92
devices, -40
°C to +150 °C for TO-202 devices, and -40 °C to
+125
°C for TO-220 devices.
Lead solder temperature is a maximum of 230
°C for 10 seconds
maximum at a minimum of 1/16” (1.59 mm) from case.
The case or lead temperature (TC or TL) is measured as shown on
dimensional outline drawings. See “Package Dimensions” section
of this catalog.
IT(RMS)
Part No.
VDRM
IGT
IDRM
Isolated
Non-isolated
(11)
TO-220
TO-252
D-Pak
TO-251
V-Pak
(1)
Volts
(3) (6)
mAmps
(1) (14)
mAmps
QI
QII
QIII
QIV
TC = 25 °C TC = 110 °C
MAX
See “Package Dimensions” section for variations. (12)
MIN
MAX
MAX
6A
L2006L5
L2006D5
L2006V5
200
5555
0.02
0.5
L4006L5
L4006D5
L4006V5
400
5555
0.02
0.5
L6006L5
L6006D5
L6006V5
600
5555
0.02
0.5
L2006L6
L2006D6
L2006V6
200
5
5
5
10
0.02
0.5
L4006L6
L4006D6
L4006V6
400
5
5
5
10
0.02
0.5
L6006L6
L6006D6
L6006V6
600
5
5
5
10
0.02
0.5
L2006L8
L2006D8
L2006V8
200
10
10
10
20
0.02
0.5
L4006L8
L4006D8
L4006V8
400
10
10
10
20
0.02
0.5
L6006L8
L6006D8
L6006V8
600
10
10
10
20
0.02
0.5
8A
L2008L6
L2008D6
L2008V6
200
5
5
5
10
0.02
0.5
L4008L6
L4008D6
L4008V6
400
5
5
5
10
0.02
0.5
L6008L6
L6008D6
L6008V6
600
5
5
5
10
0.02
0.5
L2008L8
L2008D8
L2008V8
200
10
10
10
20
0.02
0.5
L4008L8
L4008D8
L4008V8
400
10
10
10
20
0.02
0.5
L6008L8
L6008D8
L6008V8
600
10
10
10
20
0.02
0.5
MT1
MT2
G
MT2
MT2
MT1
G
MT2
MT2
G
MT1


Numéro de pièce similaire - L601E8

FabricantNo de pièceFiches techniqueDescription
logo
Teccor Electronics
L601E8 TECCOR-L601E8 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
L601E8 TECCOR-L601E8 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L601E8 LITTELFUSE-L601E8 Datasheet
176Kb / 8P
   Sensitive Triacs
L601E8 LITTELFUSE-L601E8 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Description similaire - L601E8

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
Q2X8E3 LITTELFUSE-Q2X8E3 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
STMicroelectronics
T810H STMICROELECTRONICS-T810H Datasheet
124Kb / 10P
   High temperature 8 A sensitive TRIACs
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P0109AL-5AA4 STMICROELECTRONICS-P0109AL-5AA4 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
   0.8 A sensitive gate SCRs
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
   0.8 A sensitive gate SCR
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
   Sensitive high immunity SCRs up to 0.8 A
Rev 1 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com